Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8701 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # TMF8701
Description  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8701 Datasheet(HTML) 2 Page - OSRAM GmbH

  TMF8701 Datasheet HTML 1Page - OSRAM GmbH TMF8701 Datasheet HTML 2Page - OSRAM GmbH TMF8701 Datasheet HTML 3Page - OSRAM GmbH TMF8701 Datasheet HTML 4Page - OSRAM GmbH TMF8701 Datasheet HTML 5Page - OSRAM GmbH TMF8701 Datasheet HTML 6Page - OSRAM GmbH TMF8701 Datasheet HTML 7Page - OSRAM GmbH TMF8701 Datasheet HTML 8Page - OSRAM GmbH TMF8701 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
Datasheet, Public
Page 1
[v2-00] 2023-Feb-21
Document Feedback
TMF8701
Time-of-Flight Sensor
The TMF8701 is a time-of-flight (TOF) sensor in a single modular
package with associated VCSEL. The TOF device is based on
SPAD, TDC and histogram technology.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of TMF8701, Time-of-Flight Sensor
are listed below:
Figure 1:
Added Value of Using TMF8701
Benefits
Feature
• Modular package - 2.2mm x 3.6mm x 1.0mm
• Small footprint fits in the mobile phone bezel
• 21° FOI
• Detecting central closest objects
• Time-to-Digital converter (TDC)
• Direct time-of-flight measurement
• Within 5% of measurement (accuracy); no
multi-path and no multiple object problems as for
iToF
• Single Photon Avalanche Photodiode (SPAD)
• Histogram based architecture
• Better accuracy detects reliably closest object
• Min. distance 1mm (black target)
• Max. distance 60cm
• Dynamic cover glass calibration
• No complex calibration
• Reliable operation under demanding use cases
• Compensates for dirt on glass
• Reference SPAD
• Improved accuracy over temperature and life
• Distance and signal quality reported
• Make better decisions
• Fast VCSEL driver with protection
• Class 1 Eye Safe
• 940μA power consumption at 10Hz (proximity
mode)
• 26mA power consumption at 60Hz operation
(distance and proximity mode)
• 0.26μA power-down current consumption (EN=0)
• Longer battery life
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com