Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8701 Datasheet(PDF) 26 Page - OSRAM GmbH

Part # TMF8701
Description  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8701 Datasheet(HTML) 26 Page - OSRAM GmbH

Back Button TMF8701 Datasheet HTML 22Page - OSRAM GmbH TMF8701 Datasheet HTML 23Page - OSRAM GmbH TMF8701 Datasheet HTML 24Page - OSRAM GmbH TMF8701 Datasheet HTML 25Page - OSRAM GmbH TMF8701 Datasheet HTML 26Page - OSRAM GmbH TMF8701 Datasheet HTML 27Page - OSRAM GmbH TMF8701 Datasheet HTML 28Page - OSRAM GmbH TMF8701 Datasheet HTML 29Page - OSRAM GmbH TMF8701 Datasheet HTML 30Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 66 page
background image
Datasheet, Public
Page 25
[v2-00] 2023-Feb-21
Document Feedback
TMF8701 − Register Description
cmd_data4 = If cmd_data5 enables VCSEL pulse output
for GPIO0 and/or GPIO1, cmd_data4 sets its timings as
follows. If set to non-zero, GPIO1 shows the VCSEL pulse;
additionally the GPIO1 signal can be set to be asserted
before the VCSEL pulse starts
‘0’ - No signal,
‘1’ - GPIOx, rises 0
μs time before VCSEL pulse starts
‘2’ - GPIOx rises 100
μs before VCSEL pulse,
‘3’ - GPIOx rises 200
μs before VCSEL pulse and so on.
The falling edge of GPIOx happens at the same time the
VCSEL stops emitting light.
cmd_data3 = Reserved for future, use 0x00.
cmd_data2 = Repetition period in ms, use 0 for single
measurement; if the repetition period is set lower than
the ranging time for this mode, the TMF8701 runs at it
maximum possible speed (best effort approach).
cmd_data1 = Reserved for future, use 0xFF
cmd_data0 = Reserved for future, use 0xFF
Once a measurement is finished the interrupt is asserted if
it is enabled by int1_enab. Additionally the transaction ID
tid is updated.
0x04
Set flag to perform distance measurement (no proximity
algorithm is used) with 5 bytes of data containing where:
cmd_data4 = If set to non-zero, GPIO1 shows the VCSEL
pulse; additionally the GPIO1 signal can be set to be
asserted before the VCSEL pulse starts,
0 for no signal,
‘1’=0
μs time before VCSEL pulse
‘2’=GPIO1 starts 100
μs before VCSEL pulse,
‘3’= GPIO1 starts 200
μs before VCSEL pulse.
cmd_data3 = Reserved for future, use 0x00
cmd_data2 = Repetition period in ms, use 0 for single
ranging; if the repetition period is set lower than the
ranging time for this mode, the TMF8701 runs at it
maximum possible speed (best effort approach)
cmd_data1 = Reserved for future, use 0xFF
cmd_data0 = Reserved for future, use 0xFF
Once a measurement is finished the interrupt is asserted if
it is enabled by int1_enab. Additionally the transaction ID
tid is updated.
0x10: COMMAND
Field
Name
Reset
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com