Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8701 Datasheet(PDF) 19 Page - OSRAM GmbH

Part # TMF8701
Description  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8701 Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button TMF8701 Datasheet HTML 15Page - OSRAM GmbH TMF8701 Datasheet HTML 16Page - OSRAM GmbH TMF8701 Datasheet HTML 17Page - OSRAM GmbH TMF8701 Datasheet HTML 18Page - OSRAM GmbH TMF8701 Datasheet HTML 19Page - OSRAM GmbH TMF8701 Datasheet HTML 20Page - OSRAM GmbH TMF8701 Datasheet HTML 21Page - OSRAM GmbH TMF8701 Datasheet HTML 22Page - OSRAM GmbH TMF8701 Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 66 page
background image
Page 18
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-21
TMF8701 − Register Description
Register Overview
Figure 21:
APPID Register
Figure 22:
APPREV MAJOR Register
Figure 23:
APPREQID Register
Note(s):
1. Further application IDs might be added in the future.
0x00: APPID
Field
Name
Reset
Type
Description
7:0
appid
0
RW
Currently running application:
0xC0…. App0 - Measurement application running
0x80…. Bootloader running
0x01: APPREV MAJOR
Field
Name
Reset
Type
Description
7:0
apprevMajor
0
RW
Application major revision
0x02: APPREQID
Field
Name
Reset
Type
Description
7:0
appReqid
0
RW
Application that shall be started, set this to
0x80…. Bootloader
0xC0…. App0 – Measurement application and wait
until register 0x00 (APPID) shows this as application.
Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com