Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8701 Datasheet(PDF) 49 Page - OSRAM GmbH

Part # TMF8701
Description  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8701 Datasheet(HTML) 49 Page - OSRAM GmbH

Back Button TMF8701 Datasheet HTML 45Page - OSRAM GmbH TMF8701 Datasheet HTML 46Page - OSRAM GmbH TMF8701 Datasheet HTML 47Page - OSRAM GmbH TMF8701 Datasheet HTML 48Page - OSRAM GmbH TMF8701 Datasheet HTML 49Page - OSRAM GmbH TMF8701 Datasheet HTML 50Page - OSRAM GmbH TMF8701 Datasheet HTML 51Page - OSRAM GmbH TMF8701 Datasheet HTML 52Page - OSRAM GmbH TMF8701 Datasheet HTML 53Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
Page 48
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-21
TMF8701 − Application Information
SPAD Options
Signal SPADs
Firmware can enable/disable SPADs in the array as needed.
Figure 113:
Signal SPADs
Physically there are 4x32=128 signal SPADs, but SPADs with too
high dark count rate are disabled during production test. There
are four TDCs (TDC1 …TDC4) connected to the output of the
SPADs. Each of the TDCs is connected to an array of 32 SPADs
(SPADs with too high dark count rate are disabled). In distance
mode the number of SPADs are reduced to typ. 40 SPADs to limit
the FOV of the TMF8701.
Reference SPADs
Figure 114:
Reference SPADs
Due to the high light intensity form the VCSEL which is located
very close to the reference SPADs and has no optical barrier like
the signal SPADs only highly attenuated SPADs are used.
Physically there are 12 reference SPADs, but SPADs with too high
dark count rate are disabled during production test. There is
one TDC (TDC0) connected to the output of the SPADs.
Min
Typ
Max
Comments
1x SPADS
72
10x Attenuated SPADs
16
100x Attenuated SPADs
16
Min
Typ
Max
Comments
100x Attenuated SPADs
9
Application Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com