Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8701-1XM Datasheet(PDF) 57 Page - OSRAM GmbH

Part # TMF8701-1XM
Description  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8701-1XM Datasheet(HTML) 57 Page - OSRAM GmbH

Back Button TMF8701-1XM Datasheet HTML 53Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 54Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 55Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 56Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 57Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 58Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 59Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 60Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 61Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 66 page
background image
Page 56
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-21
TMF8701 − Soldering & Storage Information
Figure 122:
Solder Reflow Profile
Storage Information
Moisture Sensitivity
Optical characteristics of the device can be adversely affected
during the soldering process by the release and vaporization of
moisture that has been previously absorbed into the package.
To ensure the package contains the smallest amount of
absorbed moisture possible, each device is baked prior to being
dry packed for shipping. Devices are dry packed in a sealed
aluminized envelope called a moisture-barrier bag with silica
gel to protect them from ambient moisture during shipping,
handling, and storage before use.
Shelf Life
The calculated shelf life of the device in an unopened moisture
barrier bag is 24 months from the date code on the bag when
stored under the following conditions:
• Shelf Life: 24 months
• Ambient Temperature: <40°C
• Relative Humidity: <90%
Rebaking of the devices will be required if the devices exceed
the 24 months shelf life or the Humidity Indicator Card shows
that the devices were exposed to conditions beyond the
allowable moisture region.
Parameter
Reference
Device
Average temperature gradient in preheating
2.5°C/s
Soak time
tsoak
2 to 3 minutes
Time above 217 °C (T1)
t1
Max 60s
Time above 230 °C (T2)
t2
Max 50s
Time above Tpeak – 10 °C (T3)
t3
Max 10s
Peak temperature in reflow
Tpeak
260°C
Temperature gradient in cooling
Max −5°C/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com