Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8701-1XM Datasheet(PDF) 52 Page - OSRAM GmbH

Part # TMF8701-1XM
Description  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8701-1XM Datasheet(HTML) 52 Page - OSRAM GmbH

Back Button TMF8701-1XM Datasheet HTML 48Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 49Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 50Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 51Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 52Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 53Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 54Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 55Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 56Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
Datasheet, Public
Page 51
[v2-00] 2023-Feb-21
Document Feedback
TMF8701 − Application Information
PCB Layout
Figure 117:
PCB Layout Recommendation
Use GRM155R70J104KA01 (0402 X7R 0.1μF 6.3V) or capacitors
with same or better performance for CVDDC, CVDD and CVDDV.
(0402)
VDDC
GNDC
GPIO0
EN
GND
VDD
GPIO1
INT
SCL
SDA
GNDV
VDDV
GND
GND
VDD
VDD
VDD
GND
GPIO1
EN
GPIO0
INT
SCL
SDA
(0402)
(0402)
(0402)
GND PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com