Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8701-1XM Datasheet(PDF) 15 Page - OSRAM GmbH

Part # TMF8701-1XM
Description  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8701-1XM Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button TMF8701-1XM Datasheet HTML 11Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 12Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 13Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 14Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 15Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 16Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 17Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 18Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 19Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 66 page
background image
Page 14
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-21
TMF8701 − Detailed Description
Reset Pin and Power-Up Timing
Figure 16:
Reset Pin and Power-Up Timing
Distance and Proximity Algorithm
As the performance of the algorithm is dependent on the ROM
version, following section only applies for devices with order
code TMF8701-1B (and TMF8701-1BM), calibrated and
in-application oscillator calibration using the reference driver
code and patched with the latest software patch from
ams OSRAM (contact ams OSRAM to identify latest patch
version).
The TMF8701 is embedded in the application using a 0.38mm
airgap and a glass with an IR ink with >90% transmissivity. The
glass thickness is 0.5mm. An additional mask on the opaque ink
is implemented according to TMF8701 optical design guide
(external document).
Calibration
To achieve the performance described in the next sections, a
calibration of the algorithm needs to be performed
(command = 0x0A). The TMF8701 shall be embedded in the final
application and the cover glass including the IR ink needs to be
assembled. The calibration test shall be done in a housing with
minimal ambient light and no target within 40cm in FOI of the
TMF8701.
The TMF8701 generates a calibration data set which is
permanently stored on the host.
On each power-up of the TMF8701 the calibration data set is
sent by I²C to the TMF8701 prior to execution of any algorithms
(commands=0x02 or 0x0B).
Operating Modes and Timings
The TMF8701 can be operated in two different modes:
• Proximity mode only; it uses 80k iterations at 43MHz for
capturing (VCSEL on).
Min
Typ
Max
Units
Comment
Power On (boot time)
3
ms
Does not include RAM
download time
Enable High to Ready for
Measurement
8ms
Standby to Active Time
<<1
ms
Active to Standby Time
<<1
ms
Enable Low to Power Down Time
<<1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com