Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8701-1XM Datasheet(PDF) 18 Page - OSRAM GmbH

Part # TMF8701-1XM
Description  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8701-1XM Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button TMF8701-1XM Datasheet HTML 14Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 15Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 16Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 17Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 18Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 19Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 20Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 21Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 22Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
Datasheet, Public
Page 17
[v2-00] 2023-Feb-21
Document Feedback
TMF8701 − Detailed Description
Typical Optical Characteristics
VCSEL Field of Illumination (FOI): 21° Full width from 5% of
maximum up to maximum
: 19° 1/e²
TOF Sensor Field of View (FOV ): 37° FWHM – in proximity mode
: 24° FWHM – in distance mode
This Rx SPAD FoV angular response simulates the TMF8701
operation in proximity mode based on the entire SPAD array.
The Rx SPAD FoV angular response is reduced when the
TMF8701 operates in distance mode since the SPAD array is
reduced. This helps to improve ambient light tolerance.
Figure 20:
FOI/FOV of TMF8701
Filter Characteristics
FWHM: 56nm
Passband Center Frequency: 940nm
Min. Stopband Frequency: 350nm
Max. Stopband Frequency: 1100nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com