Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8701-1XM Datasheet(PDF) 30 Page - OSRAM GmbH

Part # TMF8701-1XM
Description  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8701-1XM Datasheet(HTML) 30 Page - OSRAM GmbH

Back Button TMF8701-1XM Datasheet HTML 26Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 27Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 28Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 29Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 30Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 31Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 32Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 33Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 34Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
Datasheet, Public
Page 29
[v2-00] 2023-Feb-21
Document Feedback
TMF8701 − Register Description
Figure 44:
REGISTER_CONTENTS Register
Figure 45:
TID Register
Object Detection Results – If Register
register_contents =0x55 (Commands 0x02,0x03 or
0x04)
Figure 46:
RESULT_NUMBER Register
0x1e: REGISTER_CONTENTS
Field
Name
Reset
Type
Description
7:0
register_
contents
0RO
Current contents of the I²C ram from 0x20 to 0xEF;
the coding is as follows:
0Ah ... Calibration data
47h ... Serial Number
55h ... Results for commands 0x02/0x03 and 0x04
80h-93h ... Raw histogram data where
80h=TDC0, bin 0... 63
81h=TDC0, bin 64... 127
82h=TDC0, bin 128... 195
83h=TDC0, bin 196... 255
84h=TDC1, bin 0... 63
...
93h=TDC4, bin 196... 255
0x1f: TID
Field
Name
Reset
Type
Description
7:0
tid
0
RO
Unique transaction ID, changes with every update of
register map by TOF
0x20: RESULT_NUMBER
Field
Name
Reset
Type
Description
7:0
result_
num
0RO
Result number, incremented every time there is a unique
answer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com