Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8701-1XM Datasheet(PDF) 24 Page - OSRAM GmbH

Part # TMF8701-1XM
Description  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8701-1XM Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button TMF8701-1XM Datasheet HTML 20Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 21Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 22Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 23Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 24Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 25Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 26Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 27Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
Datasheet, Public
Page 23
[v2-00] 2023-Feb-21
Document Feedback
TMF8701 − Register Description
Figure 39:
COMMAND Register
0x10: COMMAND
Field
Name
Reset
Type
Description
7:0
Command
0
RW
Direct the device to control or select contents of the registers from
0x20...0xDF
Setting
Meaning
0x00
No command
0x02
Set flag to perform distance or proximity measurement
with 8 bytes of data containing where including setting of
calibration (and algorithm state) configuration.
cmd_data7 = Bit mask which calibration/state data was
downloaded from the host to TMF8701 prior to setting
this command:
Bit 0 - dataFactoryCal: when 1 data from register 0x20
onward includes factory calibration
Bit 1 - dataAlgState: if set, also set dataFactoryCal=1. Data
from register 0x20 onwards includes factory calibration
and algorithm state.
cmd_data6… cmd_data0: Identical to command=0x03.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com