Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8701-1XM Datasheet(PDF) 20 Page - OSRAM GmbH

Part # TMF8701-1XM
Description  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8701-1XM Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button TMF8701-1XM Datasheet HTML 16Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 17Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 18Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 19Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 20Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 21Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 22Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 23Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
Datasheet, Public
Page 19
[v2-00] 2023-Feb-21
Document Feedback
TMF8701 − Register Description
Figure 24:
ENABLE Register
Figure 25:
INT_STATUS Register
0xe0: ENABLE
Field
Name
Reset
Type
Description
7cpu_reset
0
RW_SC
Write a '1' here to reset CPU. This generates global
reset, fully resetting CPU and all CPU registers. The bit
resets itself, no need to explicitly clear it.
6
cpu_ready
0
RO
CPU is ready to handle I²C - if this bit is zero, then only
the registers 0xe0 and above are usable, the memory
mapped I²C space is not used.
Bit gets set only explicitly by software, therefore a
functional and running firmware is necessary for this
bit to work.
0
pon
1
R_PUSH
1 = Activate oscillator
0 = Ask cpu to go to standby
Activating the oscillator is implemented in hardware.
Whenever this register is '0' and a '1' is being written,
the oscillator is being started and CPU receives a
PON1 interrupt. It is implemented in the bootloader
to execute a reset at this point, but the application
goes to an IDLE state.
De-activating the oscillator is a software assisted
process. It is important that the CPU powers down all
modules properly before turning off the oscillator,
therefore this is implemented in firmware. So writing a
'0' to this register will trigger an internal CPU interrupt.
The firmware, after powering down everything, sets
the device into standby state.
0xe1: INT_STATUS
Field
Name
Reset
Type
Description
1
int2
0
R_PUSH1
Raw histogram available interrupt for App0; asserted
when a raw histogram can be retrieved from I²C.
int2 status. If bis is asserted, and int2_enab is asserted as
well, then the INT pin will be pulled low. Writing a '1' here
will clear int1 condition.
0
int1
0
R_PUSH1
Object detection interrupt for App0; asserted when a
result from object detection is available
int1 status. If bis is asserted, and int1_enab is asserted as
well, then the INT pin will be pulled low. Writing a '1' here
will clear int1 condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com