Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG39921 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # TMG39921
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG39921 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button TMG39921 Datasheet HTML 3Page - OSRAM GmbH TMG39921 Datasheet HTML 4Page - OSRAM GmbH TMG39921 Datasheet HTML 5Page - OSRAM GmbH TMG39921 Datasheet HTML 6Page - OSRAM GmbH TMG39921 Datasheet HTML 7Page - OSRAM GmbH TMG39921 Datasheet HTML 8Page - OSRAM GmbH TMG39921 Datasheet HTML 9Page - OSRAM GmbH TMG39921 Datasheet HTML 10Page - OSRAM GmbH TMG39921 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
Page 6
ams Datasheet
Document Feedback
[v1-06] 2018-Feb-27
TMG3992 − Electrical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
Figure 6:
Recommended Operating Conditions
Note(s):
1. While the device is operational across the temperature range, performance will vary with temperature. Specifications are stated at
25°C unless otherwise noted.
Figure 7:
Operating Characteristics, VDD = 3 V, TA = 25ºC (unless otherwise noted)
Symbol
Parameter
Min
Typ
Max
Units
VDD
Supply voltage
2.4
3
3.6
V
TA
Operating free-air temperature (1)
-30
85
ºC
Symbol
Parameter
Conditions
Min
Typ
Max
Units
fOSC
Oscillator frequency
3.525
3.675
3.825
MHz
IDD
Supply current (1)
Active ALS state
(PON=AEN=1,
PEN=PBEN=0)
220
330
μA
Low slew rate
(PON=PBEN=1,
AEN=PEN=SLEW=0)
560
High slew rate
(PON=PBEN=SLEW=1,
AEN=PEN=0)
650
Proximity, During LDR
Pulse (PPULSE: 8 pulses) (2)
790
Gesture, During LDR Pulse
(GPULSE = 8) (3)
790
Wait state (PON=1,
AEN=PEN=PBEN=0)
38
Sleep state (4)
1.0
10
VOL
INT, SDA output low
voltage
3 mA sink current
6 mA sink current
0
0
0.4
0.6
V
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com