Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG39921 Datasheet(PDF) 36 Page - OSRAM GmbH

Part # TMG39921
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG39921 Datasheet(HTML) 36 Page - OSRAM GmbH

Back Button TMG39921 Datasheet HTML 32Page - OSRAM GmbH TMG39921 Datasheet HTML 33Page - OSRAM GmbH TMG39921 Datasheet HTML 34Page - OSRAM GmbH TMG39921 Datasheet HTML 35Page - OSRAM GmbH TMG39921 Datasheet HTML 36Page - OSRAM GmbH TMG39921 Datasheet HTML 37Page - OSRAM GmbH TMG39921 Datasheet HTML 38Page - OSRAM GmbH TMG39921 Datasheet HTML 39Page - OSRAM GmbH TMG39921 Datasheet HTML 40Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 96 page
background image
ams Datasheet
Page 35
[v1-06] 2018-Feb-27
Document Feedback
TMG3992 − Detailed Description
An interrupt is generated based on the number of gesture
“datasets” results placed in the FIFO. A dataset is defined as
4-byte directional data corresponding to N-S-W-E (GDIMS = 0).
The FIFO can buffer up to 32 datasets before it overflows. If the
FIFO overflows (host did not read quickly enough) then the
most recent data will be lost. If the FIFO level, GFLVL, becomes
greater or equal to the threshold value set by GFIFOTH, the
GVALID bit is set indicating valid data is available, gesture in-
terrupt bit, GINT, is asserted, and if GIEN bit is set a hardware
interrupt on the INT pin will also assert. Before exit of gesture
engine, indicated by GVALID transitioning from high to low, one
final interrupt will always occur. This interrupt signals that data
still remains in the FIFO. Gesture Interrupts and Flags: GINT,
GVALID, and GFLVL are cleared by emptying FIFO (i.e. all data
has been read).
The correlation of motion to FIFO data (i.e. speed and direction
characteristics) is not obvious at first glance. As depicted in
Figure 37, the four directional photodiode sensors are placed
in an orthogonal pattern beneath an optical transparent
aperture.Diodes are designated as: N’, S’, W’, and E’. The 8-bit
results corresponding to each diode are available for sequential
read at the following FIFO register address locations: 0xFC,
0xFD, 0xFE, and 0xFF. After address 0xFF is read, additional
reads automatically increase the FIFO pointer and effectively
reset the register address to back to 0xFC. This allows for
continuous transfer of FIFO data without re-issuing chip and
memory addresses.
Ideally, gesture detection works by capturing and comparing
the amplitude and phase difference between directional sensor
results. The directional sensors are arranged such that the diode
opposite to the directional motion receives a larger portion of
the reflected IR signal upon entry, then a smaller portion upon
exit. In the example illustration, a North-to-South motion is the
result when a target enters the device field-of-view from N’
(North-Prime), progresses past W’ and E’, then exits over S’
(South-Prime).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com