Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG39921 Datasheet(PDF) 76 Page - OSRAM GmbH

Part # TMG39921
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG39921 Datasheet(HTML) 76 Page - OSRAM GmbH

Back Button TMG39921 Datasheet HTML 72Page - OSRAM GmbH TMG39921 Datasheet HTML 73Page - OSRAM GmbH TMG39921 Datasheet HTML 74Page - OSRAM GmbH TMG39921 Datasheet HTML 75Page - OSRAM GmbH TMG39921 Datasheet HTML 76Page - OSRAM GmbH TMG39921 Datasheet HTML 77Page - OSRAM GmbH TMG39921 Datasheet HTML 78Page - OSRAM GmbH TMG39921 Datasheet HTML 79Page - OSRAM GmbH TMG39921 Datasheet HTML 80Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 96 page
background image
ams Datasheet
Page 75
[v1-06] 2018-Feb-27
Document Feedback
TMG3992 − Register Description
Configuration Register A6 (CONFIG_A6),
Gesture Mode
GPLEN Register sets Pulse Width Modified current during a
Gesture Pulse. The Gesture pulse count register bits set the
number of pulses to be output on the LDR pin. The Gesture
Length register bits set the amount of time the LDR pin is
sinking current during a gesture pulse.
Figure 79:
Configuration Register A6
765
432
1
0
GPLEN
GPULSE
Field
Bits
Description
GPLEN
7:6
Gesture Pulse Length. Sets the LED-ON pulse width during a Gesture LDR
Pulse.
Field Value
LED ON
00
4μs
01
8μs
10
16μs
11
32μs
GPULSE
5:0
Gesture Pulse Count. Specifies the number of pulses to be generated on LDR.
Number of pulses is set by GPULSE value plus 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com