Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG39921 Datasheet(PDF) 38 Page - OSRAM GmbH

Part # TMG39921
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG39921 Datasheet(HTML) 38 Page - OSRAM GmbH

Back Button TMG39921 Datasheet HTML 34Page - OSRAM GmbH TMG39921 Datasheet HTML 35Page - OSRAM GmbH TMG39921 Datasheet HTML 36Page - OSRAM GmbH TMG39921 Datasheet HTML 37Page - OSRAM GmbH TMG39921 Datasheet HTML 38Page - OSRAM GmbH TMG39921 Datasheet HTML 39Page - OSRAM GmbH TMG39921 Datasheet HTML 40Page - OSRAM GmbH TMG39921 Datasheet HTML 41Page - OSRAM GmbH TMG39921 Datasheet HTML 42Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 96 page
background image
ams Datasheet
Page 37
[v1-06] 2018-Feb-27
Document Feedback
TMG3992 − Detailed Description
Figure 38:
IRBeam Controls
Note(s):
1. While ENABLE<PBEN> = 1, the Pattern Burst engine has exclusive access to the LDR pin, Proximity and Gesture operating modes
must be disabled (ENABLE<PEN> = 0, ENABLE<GEN> = 0).
Register/Bit
Address
Description
ENABLE<PON>
0x80<0>
Power ON
ENABLE<PBEN>
0x80<7>
Pattern Burst Enable
CONFIG_A0 <PBIEN>
0xA0<5>
Pattern Burst Interrupt Enable
CONFIG_A0 <SLEW>
0xA0<4>
Slew Rate Control
CONFIG_A0 <ISQZL>
0xA0<3>
IRBeam Symbol Quiet Zone LDR State
CONFIG_A0 <ISQZT>
0xA0<2:0>
IRBeam Symbol Quiet Zone Time
CONFIG_A2 (ISNL)
0xA2
IRBeam Number of Symbol Loops
CONFIG_A3 (ISOFF)
0xA3
IRBeam LED OFF Time Between Symbols
CONFIG_A4 (IPNL)
0xA4
IRBeam Number of Packet Loops
CONFIG_A5 (IPOFF)
0xA5
IRBeam LED OFF Time Between Packets
CONFIG_A6 <IBT>
0xA6<5:0>
Pattern Bit Time
CONFIG_A7 (ISLEN)
0xA7
IRBeam Symbol bit Pattern Length
CONFIG_A8<PBINT2>
0xA8<1>
Pattern Burst Interrupt Two
STATUS<PBINT>
0x93<3>
Pattern Burst Interrupt.
(mirrors CONFIG_A8<PBINT2>)
CONFIG_A8 <PBUSY>
0xA8<0>
Pattern Burst Busy
CONTROL<LDRIVE>
0x8F<7:6>
LED Drive Strength
CONFIG2<LEDBOOST>
0x90<5:4>
LED Boost
PBCLEAR
0xE3
Pattern Burst Interrupt Clear
AICLEAR
0xE7
All Non-Gesture Interrupt Clear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com