Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG39921 Datasheet(PDF) 45 Page - OSRAM GmbH

Part # TMG39921
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG39921 Datasheet(HTML) 45 Page - OSRAM GmbH

Back Button TMG39921 Datasheet HTML 41Page - OSRAM GmbH TMG39921 Datasheet HTML 42Page - OSRAM GmbH TMG39921 Datasheet HTML 43Page - OSRAM GmbH TMG39921 Datasheet HTML 44Page - OSRAM GmbH TMG39921 Datasheet HTML 45Page - OSRAM GmbH TMG39921 Datasheet HTML 46Page - OSRAM GmbH TMG39921 Datasheet HTML 47Page - OSRAM GmbH TMG39921 Datasheet HTML 48Page - OSRAM GmbH TMG39921 Datasheet HTML 49Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 96 page
background image
Page 44
ams Datasheet
Document Feedback
[v1-06] 2018-Feb-27
TMG3992 − Register Description
0x96
RDATAL
R
Red ADC low data register
0x00
0x97
RDATAH
R
Red ADC high data register
0x00
0x98
GDATAL
R
Green ADC low data register
0x00
0x99
GDATAH
R
Green ADC high data register
0x00
0x9A
BDATAL
R
Blue ADC low data register
0x00
0x9B
BDATAH
R
Blue ADC high data register
0x00
0x9C
PDATA
R
Proximity ADC data register
0x00
0x9D
POFFSET_NE
R/W
Proximity offset for north and east photodiodes
0x00
0x9E
POFFSET_SW
R/W
Proximity offset for south and west
photodiodes
0x00
0x9F
CONFIG3
R/W
Configuration register three
0x00
0xA0 (1)
CONFIG_A0
R/W
Configuration register A0
0x00
0xA1 (1)
CONFIG_A1
R/W
Configuration register A1
0x00
0xA2 (1)
CONFIG_A2
R/W
Configuration register A2
0x00
0xA3 (1)
CONFIG_A3
R/W
Configuration register A3
0x00
0xA4 (1)
CONFIG_A4
R/W
Configuration register A4
0x00
0xA5 (1)
CONFIG_A5
R/W
Configuration register A5
0x00
0xA6 (1)
CONFIG_A6
R/W
Configuration register A6
0x40
0xA7 (1)
CONFIG_A7
R/W
Configuration register A7
0x00
0xA8 (1)
CONFIG_A8
R
Configuration register A8
0x00
0xA9 (1)
CONFIG_A9
R/W
Configuration register A9
0x00
Address
Register Name
R/W
Register Function
Reset
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com