Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG39921 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # TMG39921
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG39921 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button TMG39921 Datasheet HTML 8Page - OSRAM GmbH TMG39921 Datasheet HTML 9Page - OSRAM GmbH TMG39921 Datasheet HTML 10Page - OSRAM GmbH TMG39921 Datasheet HTML 11Page - OSRAM GmbH TMG39921 Datasheet HTML 12Page - OSRAM GmbH TMG39921 Datasheet HTML 13Page - OSRAM GmbH TMG39921 Datasheet HTML 14Page - OSRAM GmbH TMG39921 Datasheet HTML 15Page - OSRAM GmbH TMG39921 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 96 page
background image
ams Datasheet
Page 11
[v1-06] 2018-Feb-27
Document Feedback
TMG3992 − Electrical Characteristics
Note(s):
1. This parameter ensured by design and characterization and is not 100% tested.
2. Value may be as much as 1.36μs longer than specified.
3. Value is factory-adjusted to meet the Proximity response specification. Considerable variation (relative to the typical value) is possible
after adjustment. LEDBOOST increases current setting (as defined by LDRIVE or GLDRIVE). For example, if LDRIVE = 0 and
LEDBOOST = 300%, LDR current is 300mA.
4. LEDBOOST multiplies LDR current by the percentage selected.
5. Proximity offset value varies with power supply characteristics and system noise.
6. Production tested value is the average of 5 readings.
7. Correlated result by characterization. Refer to Figure 25 and Figure 26 for typical operating settings.
Proximity offset
(no target response) (5)
PGAIN = 2 (4x)
LDRIVE = 0
LEDBOOST = 1
PPLEN = 2
PPULSE= 2 (3 pulses)
100mm X 100mm 90%
reflective Kodak Grey
Card at 100mm distance
4
counts
Relative proximity response (6)
PGAIN = 2 (4x)
LDRIVE = 1
LEDBOOST = 0
PPLEN = 1
PPULSE= 5 (6 pulses)
d=23mm round target
at 30mm distance
75
100
125
%
Proximity response (7)
PGAIN = 2 (4x)
LDRIVE = 0
LEDBOOST = 1
PPLEN = 2
PPULSE= 2 (3 pulses)
100mm X 100mm 90%
reflective Kodak Grey
Card at 100mm distance
80
100
120
counts
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com