Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG39921 Datasheet(PDF) 24 Page - OSRAM GmbH

Part # TMG39921
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG39921 Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button TMG39921 Datasheet HTML 20Page - OSRAM GmbH TMG39921 Datasheet HTML 21Page - OSRAM GmbH TMG39921 Datasheet HTML 22Page - OSRAM GmbH TMG39921 Datasheet HTML 23Page - OSRAM GmbH TMG39921 Datasheet HTML 24Page - OSRAM GmbH TMG39921 Datasheet HTML 25Page - OSRAM GmbH TMG39921 Datasheet HTML 26Page - OSRAM GmbH TMG39921 Datasheet HTML 27Page - OSRAM GmbH TMG39921 Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 96 page
background image
ams Datasheet
Page 23
[v1-06] 2018-Feb-27
Document Feedback
TMG3992 − Detailed Description
Figure 29:
Proximity Controls
Note(s):
1. ENABLE<PBEN> must be low for proximity or gesture operation.
Register/Bit
Address
Description
ENABLE<PON>
0x80<0>
Power ON
ENABLE<PEN>
0x80<2>
Proximity Enable
ENABLE<PIEN>
0x80<5>
Proximity Interrupt Enable
PITHL
0x89
Proximity low threshold
PITHH
0x8B
Proximity high threshold
PERS<PPERS>
0x8C<7:4>
Proximity Interrupt Persistence
PPULSE<PPLEN>
0x8E<7:6>
Proximity Pulse Length
PPULSE<PPULSE>
0x8E<5:0>
Proximity Pulse Count
CONTROL<PGAIN>
0x8F<3:2>
Proximity Gain Control
CONTROL<LDRIVE>
0x8F<7:6>
LED Drive Strength
CONFIG2<PSIEN>
0x90<7>
Proximity Saturation Interrupt Enable
CONFIG2<LEDBOOST>
0x90<5:4>
LED Boost
STATUS<PGSAT>
0x93<6>
Proximity Saturation
STATUS<PINT>
0x93<5>
Proximity Interrupt
STATUS<PVALID>
0x93<1>
Proximity Valid
PDATA
0x9C
Proximity Data
POFFSET_NE
0x9D
Proximity Offset North/East
POFFSET_SW
0x9E
Proximity Offset South/West
CONFIG3<PCMP>
0x9F<5>
Proximity Gain Compensation Enable
CONFIG3<PMSK_N>
0x9F<3>
Proximity Mask North Enable
CONFIG3<PMSK_S>
0x9F<2>
Proximity Mask South Enable
CONFIG3<PMSK_W>
0x9F<1>
Proximity Mask West Enable
CONFIG3<PMSK_E>
0x9F<0>
Proximity Mask East Enable
PICLEAR
0xE5
Proximity Interrupt Clear
AICLEAR
0xE7
All Non-Gesture Interrupt Clear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com