Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG39921 Datasheet(PDF) 44 Page - OSRAM GmbH

Part # TMG39921
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG39921 Datasheet(HTML) 44 Page - OSRAM GmbH

Back Button TMG39921 Datasheet HTML 40Page - OSRAM GmbH TMG39921 Datasheet HTML 41Page - OSRAM GmbH TMG39921 Datasheet HTML 42Page - OSRAM GmbH TMG39921 Datasheet HTML 43Page - OSRAM GmbH TMG39921 Datasheet HTML 44Page - OSRAM GmbH TMG39921 Datasheet HTML 45Page - OSRAM GmbH TMG39921 Datasheet HTML 46Page - OSRAM GmbH TMG39921 Datasheet HTML 47Page - OSRAM GmbH TMG39921 Datasheet HTML 48Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 96 page
background image
ams Datasheet
Page 43
[v1-06] 2018-Feb-27
Document Feedback
TMG3992 − Register Description
The device is controlled and monitored by registers accessed
through the I²C serial interface. These registers provide for a
variety of control functions and can be read to determine results
of the ADC conversions. The register set is summarized in
Figure 44.
Figure 44:
Control Register Map
Address
Register Name
R/W
Register Function
Reset
Value
0x00 – 0x7F
RAM
R/W
Volatile storage for pattern data
0x00
0x80
ENABLE
R/W
Enables states and interrupts
0x00
0x81
ATIME
R/W
ADC integration time
0xFF
0x83
WTIME
R/W
Wait time (non-gesture)
0xFF
0x84
AILTHL
R/W
ALS interrupt low threshold low byte
0xXX
0x85
AILTHH
R/W
ALS interrupt low threshold high byte
0xXX
0x86
AIHTHL
R/W
ALS interrupt high threshold low byte
0x00
0x87
AIHTHH
R/W
ALS interrupt high threshold high byte
0x00
0x89
PITHL
R/W
Proximity interrupt low threshold
0x00
0x8B
PITHH
R/W
Proximity interrupt high threshold
0x00
0x8C
PERS
R/W
Interrupt persistence filters (non-gesture)
0x00
0x8D
CONFIG1
R/W
Configuration register one
0x60
0x8E
PPULSE
R/W
Proximity pulse count and length
0x40
0x8F
CONTROL
R/W
Gain control register
0x00
0x90
CONFIG2
R/W
Configuration register two
0x01
0x91
REVID
R
Revision ID
Rev
0x92
ID
R
Device ID
ID
0x93
STATUS
R
Device status
0x00
0x94
CDATAL
R
Clear ADC low data register
0x00
0x95
CDATAH
R
Clear ADC high data register
0x00
Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com