Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2571 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # TSL2571
Description  Light-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2571 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button TSL2571 Datasheet HTML 3Page - OSRAM GmbH TSL2571 Datasheet HTML 4Page - OSRAM GmbH TSL2571 Datasheet HTML 5Page - OSRAM GmbH TSL2571 Datasheet HTML 6Page - OSRAM GmbH TSL2571 Datasheet HTML 7Page - OSRAM GmbH TSL2571 Datasheet HTML 8Page - OSRAM GmbH TSL2571 Datasheet HTML 9Page - OSRAM GmbH TSL2571 Datasheet HTML 10Page - OSRAM GmbH TSL2571 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Page 6
ams Datasheet
Document Feedback
[v1-01] 2018-Mar-27
TSL2571 − Electrical Characteristics
Figure 6:
Recommended Operating Conditions
Figure 7:
Operating Characteristics; VDD = 3V, TA = 25°C (unless otherwise noted)
Symbol
Parameter
Min
Typ
Max
Units
VDD
Supply voltage
2.6
3
3.6
V
TA
Operating free-air temperature
-30
70
°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
IDD
Supply current
Active
175
250
μA
Wait mode
65
Sleep mode — no I²C
activity
2.5
4
VOL
INT SDA output low voltage
3 mA sink current
0
0.4
V
6 mA sink current
0
0.6
ILEAK
Leakage current, SDA, SCL,
INT pins
−5
5
μA
VIH
SCL SDA input high voltage
TSL25711, TSL25715
0.7 VDD
V
TSL25713
1.25
VIL
SCL SDA input low voltage
TSL25711, TSL25715
0.3 VDD
V
TSL25713
0.54
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com