Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2571 Datasheet(PDF) 14 Page - OSRAM GmbH

Part # TSL2571
Description  Light-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2571 Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button TSL2571 Datasheet HTML 10Page - OSRAM GmbH TSL2571 Datasheet HTML 11Page - OSRAM GmbH TSL2571 Datasheet HTML 12Page - OSRAM GmbH TSL2571 Datasheet HTML 13Page - OSRAM GmbH TSL2571 Datasheet HTML 14Page - OSRAM GmbH TSL2571 Datasheet HTML 15Page - OSRAM GmbH TSL2571 Datasheet HTML 16Page - OSRAM GmbH TSL2571 Datasheet HTML 17Page - OSRAM GmbH TSL2571 Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
ams Datasheet
Page 13
[v1-01] 2018-Mar-27
Document Feedback
TSL2571 − Principles of Operation
Photodiodes
Conventional silicon detectors respond strongly to infrared
light, which the human eye does not see. This can lead to
significant error when the infrared content of the ambient light
is high (such as with incandescent lighting) due to the
difference between the silicon detector response and the
brightness perceived by the human eye.
This problem is overcome through the use of two photodiodes.
The channel 0 photodiode, referred to as the CH0 channel, is
sensitive to both visible and infrared light, while the channel 1
photodiode, referred to as CH1, is sensitive primarily to infrared
light. Two integrating ADCs convert the photodiode currents to
digital outputs. The ADC digital outputs from the two channels
are used in a formula to obtain a value that approximates the
human eye response in units of lux.
ALS Operation
The ALS engine contains ALS gain control (AGAIN) and two
integrating analog-to-digital converters (ADC) for the Channel
0 and Channel 1 photodiodes. The ALS integration time (ATIME)
impacts both the resolution and the sensitivity of the ALS
reading. Integration of both channels occurs simultaneously
and upon completion of the conversion cycle, the results are
transferred to the data registers (C0DATA and C1DATA). This
data is also referred to as channel count. The transfers are
double-buffered to ensure data integrity.
Figure 16:
ALS Operation
CH1
ADC
ALS Control
CH1
Data
CH0
ALS
CH0
Data
AGAIN(r 0x0F, b1:0)
1
y, 8y, 16y, 120y Gain
CH0
CH1
C0DATAH(r 0x15), C0DATA(r 0x14)
C1DATAH(r 0x17), C1DATA(r 0x16)
ATIME(r 1)
2.72 ms to 696 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com