Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2571 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # TSL2571
Description  Light-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2571 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button TSL2571 Datasheet HTML 4Page - OSRAM GmbH TSL2571 Datasheet HTML 5Page - OSRAM GmbH TSL2571 Datasheet HTML 6Page - OSRAM GmbH TSL2571 Datasheet HTML 7Page - OSRAM GmbH TSL2571 Datasheet HTML 8Page - OSRAM GmbH TSL2571 Datasheet HTML 9Page - OSRAM GmbH TSL2571 Datasheet HTML 10Page - OSRAM GmbH TSL2571 Datasheet HTML 11Page - OSRAM GmbH TSL2571 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
ams Datasheet
Page 7
[v1-01] 2018-Mar-27
Document Feedback
TSL2571 − Electrical Characteristics
Figure 8:
ALS Characteristics; VDD = 3V, TA = 25°C, Gain = 16, AEN = 1 (unless otherwise noted)
(1) (2) (3)
Note(s):
1. Optical measurements are made using small-angle incident radiation from light-emitting diode optical sources. Visible 625 nm LEDs
and infrared 850 nm LEDs are used for final product testing for compatibility with high-volume production.
2. The 625 nm irradiance
Ee is supplied by an AlInGaP light-emitting diode with the following typical characteristics: peak wavelength
λp = 625 nm and spectral halfwidth Δλ½ = 20 nm.
3. The 850 nm irradiance
Ee is supplied by a GaAs light-emitting diode with the following typical characteristics: peak wavelength
λp = 850 nm and spectral halfwidth Δλ½ = 42 nm.
Parameter
Test Conditions
Channel
Min
Typ
Max
Unit
Dark ADC count value
Ee = 0, AGAIN = 120×
ATIME = 0xDB (100 ms)
CH0
0
1
5
counts
CH1
0
1
5
ADC integration time
step size
ATIME = 0xFF
2.58
2.72
2.9
ms
ADC Number of
integration steps
1
256
steps
ADC counts per step
ATIME = 0xFF
0
1024
counts
ADC count value
ATIME = 0xC0
0
65535
counts
ADC count value
λp = 625 nm, Ee = 171.6
μW/cm2
ATIME = 0xF6 (27 ms) (2)
CH0
4000
5000
6000
counts
CH1
790
λp = 850 nm, Ee = 219.7
μW/cm2
ATIME = 0xF6 (27 ms) (3)
CH0
4000
5000
6000
CH1
2800
ADC count value
ratio: CH1/CH0
λp = 625 ATIME 0xF6 (27 ms) (2)
10.8
15.8
20.8
%
λp = 850 ATIME 0xF6 (27 ms) (3)
41
56
68
Re Irradiance
responsivity
λp = 625 nm, ATIME = 0xF6
(27 ms) (2)
CH0
29.1
counts/
(
μW/ cm2)
CH1
4.6
λp = 850 nm, ATIME = 0xF6
(27 ms) (3)
CH0
22.8
CH1
12.7
Gain scaling, relative
to 1× gain setting
8
×
−10
10
%
16
×
−10
10
120
×
−10
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com