Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2571 Datasheet(PDF) 21 Page - OSRAM GmbH

Part # TSL2571
Description  Light-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2571 Datasheet(HTML) 21 Page - OSRAM GmbH

Back Button TSL2571 Datasheet HTML 17Page - OSRAM GmbH TSL2571 Datasheet HTML 18Page - OSRAM GmbH TSL2571 Datasheet HTML 19Page - OSRAM GmbH TSL2571 Datasheet HTML 20Page - OSRAM GmbH TSL2571 Datasheet HTML 21Page - OSRAM GmbH TSL2571 Datasheet HTML 22Page - OSRAM GmbH TSL2571 Datasheet HTML 23Page - OSRAM GmbH TSL2571 Datasheet HTML 24Page - OSRAM GmbH TSL2571 Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-01] 2018-Mar-27
TSL2571 − Register Description
Enable Register (0x00)
The ENABLE register is used to power the device ON/OFF, enable
functions, and interrupts.
Figure 22:
Enable Register
Note(s):
1. A minimum interval of 2.72 ms must pass after PON is asserted before ALS can be initiated. This required time is enforced by the
hardware in cases where the firmware does not provide it.
Field
Bits
Description
Reserved
7:5
Reserved. Write as 0.
AIEN
4
ALS interrupt mask. When asserted, permits ALS interrupts to be generated.
WEN
3
Wait enable. This bit activates the wait feature. Writing a 1 activates the wait timer.
Writing a 0 disables the wait timer.
Reserved
2
Reserved. Write as 0.
AEN
1
ALS Enable. Writing a 1 activates the ALS. Writing a 0 disables the ALS.
PON (1)
0
Power ON. This bit activates the internal oscillator to permit the timers and ADC
channels to operate. Writing a 1 activates the oscillator. Writing a 0 disables the
oscillator.
6
75
4
PON
2
31
0
ENABLE
Reserved
AIEN
Address
0x00
AEN
WEN
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com