Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2571 Datasheet(PDF) 17 Page - OSRAM GmbH

Part # TSL2571
Description  Light-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2571 Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button TSL2571 Datasheet HTML 13Page - OSRAM GmbH TSL2571 Datasheet HTML 14Page - OSRAM GmbH TSL2571 Datasheet HTML 15Page - OSRAM GmbH TSL2571 Datasheet HTML 16Page - OSRAM GmbH TSL2571 Datasheet HTML 17Page - OSRAM GmbH TSL2571 Datasheet HTML 18Page - OSRAM GmbH TSL2571 Datasheet HTML 19Page - OSRAM GmbH TSL2571 Datasheet HTML 20Page - OSRAM GmbH TSL2571 Datasheet HTML 21Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
Page 16
ams Datasheet
Document Feedback
[v1-01] 2018-Mar-27
State Diagram
Figure 18 shows a more detailed flow for the state machine. The
device starts in the sleep mode. The PON bit is written to enable
the device. A 2.72-ms delay will occur before entering the start
state.
If the WEN bit is set, the state machine will then cycle through
the wait state. If the WLONG bit is set, the wait cycles are
extended by 12× over normal operation. When the wait counter
terminates, the state machine will step to the ALS state.
The AEN should always be set. In this case, a minimum of 1
integration time step should be programmed. The ALS state
machine will continue until it reaches the terminal count at
which point the data will be latched in the ALS register and the
interrupt set, if enabled.
Figure 18:
Expanded State Diagram
PON = 1
PON = 0
Sleep
ALS
Check
Wait
Check
Start
Wait
WEN = 1
ALS
1 to 256 steps
Step: 2.72 ms
Time: 2.72 ms − 696 ms
120 Hz Minimum − 8 ms
100 Hz Minimum − 10 ms
WLONG = 0
1 to 256 steps
Step: 2.72 ms
Time: 2.72 ms − 696 ms
Minimum − 2.72 ms
WLONG = 1
1 to 256 steps
Step: 32.64 ms
Time: 32.64 ms − 8.35 s
Minimum − 32.64 ms
ALS
Delay
AEN = 1
2.72 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com