Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2571 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # TSL2571
Description  Light-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2571 Datasheet(HTML) 5 Page - OSRAM GmbH

  TSL2571 Datasheet HTML 1Page - OSRAM GmbH TSL2571 Datasheet HTML 2Page - OSRAM GmbH TSL2571 Datasheet HTML 3Page - OSRAM GmbH TSL2571 Datasheet HTML 4Page - OSRAM GmbH TSL2571 Datasheet HTML 5Page - OSRAM GmbH TSL2571 Datasheet HTML 6Page - OSRAM GmbH TSL2571 Datasheet HTML 7Page - OSRAM GmbH TSL2571 Datasheet HTML 8Page - OSRAM GmbH TSL2571 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Page 4
ams Datasheet
Document Feedback
[v1-01] 2018-Mar-27
TSL2571 − Detailed Description
The TSL2571 light-to-digital device includes on-chip
photodiodes, integrating amplifiers, ADCs, accumulators,
clocks, buffers, comparators, a state machine, and an I²C
interface. The device combines one photodiode (CH0), which is
responsive to both visible and infrared light, and one
photodiode (CH1), which is responsive primarily to infrared
light. Two integrating ADCs simultaneously convert the
amplified photodiode currents into a digital value providing up
to 16 bits of resolution. Upon completion of the conversion
cycle, the conversion result is transferred to the data registers.
This digital output can be read by a microprocessor through
which the illuminance (ambient light level) in lux is derived
using an empirical formula to approximate the human eye
response.
Communication to the device is accomplished through a fast
(up to 400 kHz), two-wire I²C serial bus for easy connection to
a microcontroller or embedded controller. The digital output of
the device is inherently more immune to noise when compared
to an analog interface.
The device provides a separate pin for level-style interrupts.
When interrupts are enabled and a pre-set value is exceeded,
the interrupt pin is asserted and remains asserted until cleared
by the controlling firmware. The interrupt feature simplifies and
improves system efficiency by eliminating the need to poll a
sensor for a light intensity value. An interrupt is generated when
the value of an ALS conversion exceeds either an upper or lower
threshold. In addition, a programmable interrupt persistence
feature allows the user to determine how many consecutive
exceeded thresholds are necessary to trigger an interrupt.
Interrupt thresholds and persistence settings are configured
independently.
Detailed Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com