Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2571 Datasheet(PDF) 33 Page - OSRAM GmbH

Part # TSL2571
Description  Light-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2571 Datasheet(HTML) 33 Page - OSRAM GmbH

Back Button TSL2571 Datasheet HTML 29Page - OSRAM GmbH TSL2571 Datasheet HTML 30Page - OSRAM GmbH TSL2571 Datasheet HTML 31Page - OSRAM GmbH TSL2571 Datasheet HTML 32Page - OSRAM GmbH TSL2571 Datasheet HTML 33Page - OSRAM GmbH TSL2571 Datasheet HTML 34Page - OSRAM GmbH TSL2571 Datasheet HTML 35Page - OSRAM GmbH TSL2571 Datasheet HTML 36Page - OSRAM GmbH TSL2571 Datasheet HTML 37Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
Page 32
ams Datasheet
Document Feedback
[v1-01] 2018-Mar-27
TSL2571 − Manufacturing Information
Moisture Sensitivity
Optical characteristics of the device can be adversely affected
during the soldering process by the release and vaporization of
moisture that has been previously absorbed into the package.
To ensure the package contains the smallest amount of
absorbed moisture possible, each device is dry-baked prior to
being packed for shipping.
Devices are packed in a sealed aluminized envelope called a
moisture barrier bag with silica gel to protect them from
ambient moisture during shipping, handling, and storage
before use.
The FN package has been assigned a moisture sensitivity level
of MSL 3 and the devices should be stored under the following
conditions:
• Temperature Range: 5°C to 50°C
• Relative Humidity: 60% maximum
• Total Time: 12 months from the date code on the
aluminized envelope—if unopened
• Opened Time: 168 hours or fewer
Rebaking will be required if the devices have been stored
unopened for more than 12 months or if the aluminized
envelope has been open for more than 168 hours. If rebaking
is required, it should be done at 50°C for 12 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com