Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2571 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # TSL2571
Description  Light-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2571 Datasheet(HTML) 2 Page - OSRAM GmbH

  TSL2571 Datasheet HTML 1Page - OSRAM GmbH TSL2571 Datasheet HTML 2Page - OSRAM GmbH TSL2571 Datasheet HTML 3Page - OSRAM GmbH TSL2571 Datasheet HTML 4Page - OSRAM GmbH TSL2571 Datasheet HTML 5Page - OSRAM GmbH TSL2571 Datasheet HTML 6Page - OSRAM GmbH TSL2571 Datasheet HTML 7Page - OSRAM GmbH TSL2571 Datasheet HTML 8Page - OSRAM GmbH TSL2571 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
ams Datasheet
Page 1
[v1-01] 2018-Mar-27
Document Feedback
TSL2571
Light-to-Digital Converter
The TSL2571 family of devices provides ambient light sensing
(ALS) that approximates human eye response to light intensity
under a variety of lighting conditions and through a variety of
attenuation materials. While useful for general purpose light
sensing, the device is particularly useful for display
management with the purpose of extending battery life and
providing optimum viewing in diverse lighting conditions.
Display panel and keyboard backlighting can account for up to
30 to 40 percent of total platform power. The ALS features are
ideal for use in notebook PCs, LCD monitors, flat-panel
televisions, and cell phones.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of TSL2571, Light-to-Digital
Converter are listed below:
Figure 1:
Added Value Of Using TSL2571
• Ambient Light Sensing (ALS)
• Approximates Human Eye Response
• Programmable Analog Gain
• Programmable Integration Time
• Programmable Interrupt Function with Upper and
Lower Threshold
• Resolution Up to 16 Bits
• Very High Sensitivity — Operates Well Behind
Darkened Glass
• Up to 1,000,000:1 Dynamic Range
Benefits
Features
• Enables Operation in IR Light Environments
• Patented Dual-Diode Architecture
• Enables Dark Room to High Lux Sunlight
Operation
• 1M:1 Dynamic Range
• Digital Interface is Less Susceptible to
Noise
• I2C Digital Interface
• Enables Low Standby Power Consumption
• 2.5μA Quiescent Current (Sleep Mode)
• Reduces Board Space Requirements while
Simplifying Designs
• Available in 2mm x 2mm Dual Flat No-Lead (FN) Packages
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com