Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8322 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 56F8322
Description  16-bit Digital Signal Controllers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8322 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 56F8322 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 136 page
background image
Signal Pins
56F8322 Technical Data, Rev. 16
Freescale Semiconductor
21
Preliminary
PHASEA0
(TA0)
(GPIOB7)
(oscillator_
clock)
38
Schmitt
Input
Schmitt
Input/
Output
Schmitt
Input/
Output
Output
Input,
pull-up
enabled
Phase A — Quadrature Decoder 0, PHASEA input
TA0 — Timer A, Channel 0
Port B GPIO — This GPIO pin can be individually programmed as an
input or output pin.
Clock Output - can be used to monitor the internal oscillator clock
signal (see Section 6.5.7 CLKO Select Register, SIM_CLKOSR).
In the 56F8322, the default state after reset is PHASEA0.
In the 56F8122, the default state is not one of the functions offered
and must be reconfigured.
PHASEB0
(TA1)
(GPIOB6)
(SYS_CLK2)
37
Schmitt
Input
Schmitt
Input/
Output
Schmitt
Input/
Output
Output
Input,
pull-up
enabled
Phase B — Quadrature Decoder 0, PHASEB input
TA1 — Timer A ,Channel 1
Port B GPIO — This GPIO pin can be individually programmed as an
input or output pin.
Clock Output - can be used to monitor the internal SYS_CLK2 signal
(see Section 6.5.7 CLKO Select Register, SIM_CLKOSR).
In the 56F8322, the default state after reset is PHASEB0.
In the 56F8122, the default state is not one of the functions offered
and must be reconfigured.
Table 2-2 Signal and Package Information for the 48-Pin LQFP (Continued)
Signal Name
Pin No.
Type
State During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com