Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8322 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 56F8322
Description  16-bit Digital Signal Controllers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8322 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 56F8322 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 136 page
background image
Signal Pins
56F8322 Technical Data, Rev. 16
Freescale Semiconductor
19
Preliminary
2.2 Signal Pins
After reset, each pin is configured for its primary function (listed first). In the 56F8122, after reset, each
pin must be configured for the desired function. The initialization software will configure each pin for the
function listed first for each pin, as shown in Table 2-2. Any alternate functionality must be programmed.
Note: Signals in italics are not available in the 56F8122 device.
If the “State During Reset” lists more than one state for a pin, the first state is the actual reset state. Other
states show the reset condition of the alternate function, which you get if the alternate pin function is
selected without changing the configuration of the alternate peripheral. For example, the SCLK0/GPIOB3
pin shows that it is tri-stated during reset. If the GPIOB_PER is changed to select the GPIO function of
the pin, it will become an input if no other registers are changed.
Table 2-2 Signal and Package Information for the 48-Pin LQFP
Signal Name
Pin No.
Type
State During
Reset
Signal Description
VDD_IO
5
Supply
I/O Power — This pin supplies 3.3V power to the chip I/O interface
and also the Processor core throught the on-chip voltage regulator, if
it is enabled.
VDD_IO
14
VDD_IO
34
VDD_IO
44
VDDA_ADC
30
Supply
ADC Power — This pin supplies 3.3V power to the ADC modules. It
must be connected to a clean analog power supply.
VSS
10
Supply
Ground — These pins provide ground for chip logic and I/O drivers.
VSS
13
VSS
31
VSS
45
VSSA_ADC
29
Supply
ADC Analog Ground — This pin supplies an analog ground to the
ADC modules.
VCAP1
43
Supply
Supply
VCAP1 - 2 — Connect each pin to a 2.2μF or greater bypass capacitor
in order to bypass the core logic voltage regulator, required for proper
chip operation.
VCAP2
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com