Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8322 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # 56F8322
Description  16-bit Digital Signal Controllers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8322 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button 56F8322 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 136 page
background image
56F8322 Techncial Data, Rev. 16
20
Freescale Semiconductor
Preliminary
EXTAL
(GPIOC0)
32
Input/
Schmitt
Input/
Output
Input
External Crystal Oscillator Input — This input can be connected to
an 8MHz external crystal. If an external clock is used, XTAL must be
used as the input and EXTAL connected to VSS.
The input clock can be selected to provide the clock directly to the
core. This input clock can also be selected as the input clock for the
on-chip PLL.
Port C GPIO — This GPIO pin can be individually programmed as an
input or output pin.
After reset, the default state is an EXTAL input with pull-ups disabled.
XTAL
(GPIOC1)
33
Output
Schmitt
Input/
Output
Output
Crystal Oscillator Output — This output connects the internal crystal
oscillator output to an external crystal.
If an external clock is used, XTAL must be used as the input and
EXTAL connected to VSS.
The input clock can be selected to provide the clock directly to the
core. This input clock can also be selected as the input clock for the
on-chip PLL.
Port C GPIO — This GPIO pin can be individually programmed as an
input or output pin.
After reset, the default state is an XTAL input with pull-ups disabled.
TCK
39
Schmitt
Input
Input, pulled
low internally
Test Clock Input — This input pin provides a gated clock to
synchronize the test logic and shift serial data to the JTAG/EOnCE
port. The pin is connected internally to a pull-down resistor. A Schmitt
trigger input is used for noise immunity.
TMS
40
Schmitt
Input
Input, pulled
high
internally
Test Mode Select Input — This input pin is used to sequence the
JTAG TAP controller’s state machine. It is sampled on the rising edge
of TCK and has an on-chip pull-up resistor.
Note:
Always tie the TMS pin to VDD through a 2.2K resistor.
TDI
41
Schmitt
Input
Input, pulled
high
internally
Test Data Input — This input pin provides a serial input data stream
to the JTAG/EOnCE port. It is sampled on the rising edge of TCK and
has an on-chip pull-up resistor.
TDO
42
Output
In reset,
output is
disabled,
pull-up is
enabled
Test Data Output — This tri-stateable output pin provides a serial
output data stream from the JTAG/EOnCE port. It is driven in the
shift-IR and shift-DR controller states, and changes on the falling edge
of TCK.
Table 2-2 Signal and Package Information for the 48-Pin LQFP (Continued)
Signal Name
Pin No.
Type
State During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com