Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8322 Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # 56F8322
Description  16-bit Digital Signal Controllers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8322 Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button 56F8322 Datasheet HTML 80Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 81Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 82Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 83Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 84Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 85Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 86Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 87Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 136 page
background image
56F8322 Techncial Data, Rev. 16
84
Freescale Semiconductor
Preliminary
6.5.2.3
COP Reset (COPR)—Bit 4
When 1, the COPR bit indicates the Computer Operating Properly (COP) timer-generated reset has
occurred. This bit will be cleared by a Power-On Reset or by software. Writing a 0 to this bit position will
set the bit, while writing a 1 to the bit will clear it.
6.5.2.4
External Reset (EXTR)—Bit 3
If 1, the EXTR bit indicates an external system reset has occurred. This bit will be cleared by a Power-On
Reset or by software. Writing a 0 to this bit position will set the bit while writing a 1 to the bit position will
clear it. Basically, when the EXTR bit is 1, the previous system reset was caused by the external RESET
pin being asserted low.
6.5.2.5
Power-On Reset (POR)—Bit 2
When 1, the POR bit indicates a Power-On Reset occurred some time in the past. This bit can be cleared
only by software or by another type of reset. Writing a 0 to this bit will set the bit, while writing a 1 to the
bit position will clear the bit. In summary, if the bit is 1, the previous system reset was due to a Power-On
Reset.
6.5.2.6
Reserved—Bits 1–0
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
6.5.3
SIM Software Control Registers (SIM_SCR0, SIM_SCR1, SIM_SCR2,
and SIM_SCR3)
Only SIM_SCR0 is shown in this section. SIM_SCR1, SIM_SCR2, and SIM_SCR3 are identical in
functionality.
Figure 6-5 SIM Software Control Register 0 (SIM_SCR0)
6.5.3.1
Software Control Data 1 (FIELD)—Bits 15–0
This register is reset only by the Power-On Reset (POR). It has no part-specific functionality and is
intended for use by a software developer to contain data that will be unaffected by the other reset sources
(RESET pin, software reset, and COP reset).
Base + $2
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
FIELD
Write
POR
0
0
0
0
0
0
0
0
000
0
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com