Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8322 Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # 56F8322
Description  16-bit Digital Signal Controllers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8322 Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button 56F8322 Datasheet HTML 85Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 86Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 87Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 88Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 89Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 90Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 91Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 92Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 136 page
background image
Register Descriptions
56F8322 Technical Data, Rev. 16
Freescale Semiconductor
89
Preliminary
6.5.8.4
GPIOB1 (B1)—Bit 5
This bit selects the alternate function for GPIOB1.
•
0 = MISO0 (default)
•1 = RXD1
6.5.8.5
GPIOB0 (B0)—Bit 4
This bit selects the alternate function for GPIOB0.
•
0 = SS0 (default)
•
1 = TXD1
6.5.8.6
GPIOA5 (A5)—Bit 3
This bit selects the alternate function for GPIOA5.
•0 = PWMA5
•
1 = SCLK1
6.5.8.7
GPIOA4 (A4)—Bit 2
This bit selects the alternate function for GPIOA4.
•0 = PWMA4
•1 = MOS1
6.5.8.8
GPIOA3 (A3)—Bit 1
This bit selects the alternate function for GPIOA3.
•0 = PWMA3
•1 = MISO1
6.5.8.9
GPIOA2 (A2)—Bit 0
This bit selects the alternate function for GPIOA2.
•0 = PWMA2
•
1 = SS1
6.5.9
Peripheral Clock Enable Register (SIM_PCE)
The Peripheral Clock Enable register is used to enable or disable clocks to the peripherals as a power
savings feature. The clocks can be individually controlled for each peripheral on the chip.
Figure 6-12 Peripheral Clock Enable Register (SIM_PCE)
Base + $C
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
1
1
ADCA
CAN
1
DEC0
1
TMRC
1
TMRA
SCI 1
SCI 0
SPI1
SPI0
1
PWMA
Write
RESET
1
1
1
1
11
1
1
111
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com