Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8322 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # 56F8322
Description  16-bit Digital Signal Controllers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8322 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button 56F8322 Datasheet HTML 69Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 70Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 71Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 72Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 73Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 74Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 75Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 76Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 136 page
background image
Register Descriptions
56F8322 Technical Data, Rev. 16
Freescale Semiconductor
73
Preliminary
5.6.12
Fast Interrupt 0 Match Register (FIM0)
Figure 5-14 Fast Interrupt 0 Match Register (FIM0)
5.6.12.1
Reserved—Bits 15–7
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
5.6.12.2
Fast Interrupt 0 Vector Number (FAST INTERRUPT 0)—Bits 6–0
This value determines which IRQ will be a Fast Interrupt 0. Fast interrupts vector directly to a service
routine based on values in the Fast Interrupt Vector Address registers without having to go to a jump table
first; see Section 5.3.3 for details. IRQs used as fast interrupts must be set to priority level 2. Unexpected
results will occur if a fast interrupt vector is set to any other priority. Fast interrupts automatically become
the highest-priority level 2 interrupt, regardless of their location in the interrupt table, prior to being
declared as fast interrupt. Fast Interrupt 0 has priority over Fast Interrupt 1. To determine the vector
number of each IRQ, refer to Table 4-3.
5.6.13
Fast Interrupt 0 Vector Address Low Register (FIVAL0)
Figure 5-15 Fast Interrupt 0 Vector Address Low Register (FIVAL0)
5.6.13.1
Fast Interrupt 0 Vector Address Low (FIVAL0)—Bits 15–0
The lower 16 bits of the vector address used for Fast Interrupt 0. This register is combined with FIVAH0
to form the 21-bit vector address for Fast Interrupt 0 defined in the FIM0 register.
5.6.14
Fast Interrupt 0 Vector Address High Register (FIVAH0)
Figure 5-16 Fast Interrupt 0 Vector Address High Register (FIVAH0)
5.6.14.1
Reserved—Bits 15–5
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
Base + $B
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
0
FAST INTERRUPT 0
Write
RESET
00000
0000000
0000
Base + $C
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
FAST INTERRUPT 0 VECTOR ADDRESS LOW
Write
RESET
00000
0000000
0000
Base + $D
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
0
0
0
FAST INTERRUPT 0 VECTOR
ADDRESS HIGH
Write
RESET
00000
0000000
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com