Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8322 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 56F8322
Description  16-bit Digital Signal Controllers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8322 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  56F8322 Datasheet HTML 1Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 136 page
background image
56F8322 Techncial Data, Rev. 16
2
Freescale Semiconductor
Preliminary
Document Revision History
Version History
Description of Change
Rev 1.0
Pre-Release version, Alpha customers only
Rev 2.0
Initial Public Release
Rev 3.0
Corrected typo in Table 10-4, Flash Endurance is 10,000 cycles. Addressed additional
grammar issues
Rev 4.0
Added Package Pins to GPIO table in Section 8. Clarification of TRST usage in this device.
Replacing TBD Typical Min with values in Table 10-17. Editing grammar, spelling,
consistency of language throughout family. Updated values in Regulator Parameters,
Table 10-9, External Clock Operation Timing Requirements Table 10-13, SPI Timing,
Table 10-18, ADC Parameters, Table 10-24, and IO Loading Coefficients at 10MHz,
Table 10-25
Rev 5.0
Updated values in Power-On Reset Low Voltage Table 10-6.
Rev 6.0
Added Section 4.8 , added addition text to Section 6.9 on POR reset, added the word
“access” to FM Error Interrupt in Table 4-3, removed min and max numbers; only
documenting Typ. numbers for LVI in Table 10-6.
Rev 7.0
Updated numbers in Table 10-7 and Table 10-8 with more recent data, Corrected typo in
Table 10-3 in Pd characteristics
Rev 8.0
Replace any reference to Flash Interface Unit with Flash Memory Module; corrected typo on
page 1 for ADC channel; changed example in Section 2.2 ; added note on VREFHand
VREFLO in Table 2-2 and Table 11-1; corrected typo FIVAL1 and FIVAH1 in Table 4-12;
removed unneccessary notes in Table 10-12; corrected temperature range in Table 10-14;
added ADC calibration information to Table 10-24 and new graphs in Figure 10-20.
Rev 9.0
Clarification to Table 10-23, corrected Digital Input Current Low (pull-up enabled) numbers in
Table 10-5. Removed text and Table 10-2; replaced with note to Table 10-1.
Rev 10.0
Added 56F8122 information; edited to indicate differences in 56F8322 and 56F8122.
Reformatted to reflect Freescale look and feel. Updated Temperature Sensor and ADC
tables, then updated balance of electrical tables for consistency throughout family. Clarified
I/O power description in Table 2-2, added note to Table 10-7 and clarified Section 12.3.
Rev 11.0
Added output voltage maximum value and note to clarify in Table 10-1; also removed overall
life expectancy note, since life expectancy is dependent on customer usage and must be
determined by reliability engineering. Clarified value and unit measure for Maximum allowed
PD in Table 10-3. Corrected note about average value for Flash Data Retention in
Table 10-4. Added new RoHS-compliant orderable part numbers in Table 13-1.
Rev 12.0
Deleted formula for Max Ambient Operating Temperature (Automotive) and Max Ambient
Operating Temperature (Industrial) in Table 10-4. Added RoHS-compliance and “pb-free”
language to back cover.
Rev 13.0
Added information/corrected state during reset in Table 2-2. Clarified external reference
crystal frequency for PLL in Table 10-14 by increasing maximum value to 8.4MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com