Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8322 Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # 56F8322
Description  16-bit Digital Signal Controllers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8322 Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button 56F8322 Datasheet HTML 94Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 95Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 96Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 97Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 98Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 99Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 100Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 101Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 136 page
background image
56F8322 Techncial Data, Rev. 16
98
Freescale Semiconductor
Preliminary
Part 8 General Purpose Input/Output (GPIO)
8.1 Introduction
This section is intended to supplement the GPIO information found in the 56F8300 Peripheral User
Manual and contains only chip-specific information. This information supercedes the generic information
in the 56F8300 Peripheral User Manual.
8.2 Configuration
There are three GPIO ports defined on the 56F8322/56F8122. The width of each port and the associated
peripheral function is shown in Table 8-1 and Table 8-2. The specific mapping of GPIO port pins is
shown in Table 8-3.
Table 8-1 56F8322 GPIO Ports Configuration
GPIO Port
Port
Width
Available
Pins in
56F8322
Peripheral Function
Reset Function
A12
7
PWM, SPI 1
PWM
B8
8
SPI 0, DEC 0, TMRA, SCI 1
SPI 0, DEC 0
C7
6
XTAL, EXTAL, CAN, TMRC, SCI 0
XTAL, EXTAL, CAN, TMRC
Table 8-2 56F8122 GPIO Ports Configuration
GPIO Port
Port
Width
Available
Pins in
56F8122
Peripheral Function
Reset Function
A12
7
SPI 1
Must be reconfigured
B8
8
SPI 0, SCI1, TMRA
SPI 0, other pins must be reconfigured
C7
6
XTAL, EXTAL, TMRC, SCI 0
XTAL, EXTAL, TMRC; other pins must be
reconfigured



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com