Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS10K-5CIA Datasheet(PDF) 64 Page - OSRAM GmbH

Part # 4LS10K-5CIA
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS10K-5CIA Datasheet(HTML) 64 Page - OSRAM GmbH

Back Button 4LS10K-5CIA Datasheet HTML 60Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 61Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 62Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 63Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 64Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 65Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 66Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 67Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 68Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 115 page
background image
Document Feedback
4LS
Register Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 63
Address: 0x03
Default Value: 0x00
Access: Read/Write
Bit
Bit Name
Default
Bit Description
4:4
Top Bottom
Connection
0b
When set to ‘1’ connects the analogue
reference signals between Top and
Bottom elements.
Signals connected when this bit is high:
ADC gain ref input, ADC gain ref output,
VREF (CDS reference voltage), VBL
(ADC offset - black level voltage).
3:3
Gain CDS L2
0b
When set to ‘1’ defines the analogue gain
on the CDS stage to be 2x.
2:2
Gain CDS L1
0b
When set to ‘1’ defines the analogue gain
on the CDS stage to be 2x.
1:1
CVC L2 Full Well
Capacity
0b
When ‘0’ and Gain CDS L2 = ‘1’ the Full
Well Capacity is 10 ke-
When ‘0’ and Gain CDS L2 = ‘0’ the Full
Well Capacity is 20 ke-
When ‘1’ and Gain CDS L2 = ‘0’ the Full
Well Capacity is 40 ke-
0:0
CVC L1 Full Well
Capacity
0b
When ‘0’ and Gain CDS L1 = ‘1’ the Full
Well Capacity is 10 ke-
When ‘0’ and Gain CDS L1 = ‘0’ the Full
Well Capacity is 20 ke-
When ‘1’ and Gain CDS L1 = ‘0’ the Full
Well Capacity is 40 ke-
9.1.5
Analogue Gain for Line 1 Register (Address 0x04)
Figure 95:
AGL1Reg
Address: 0x04
Default Value: 0x80
Access: Read/Write
Bit
Bit Name
Default
Bit Description
7:0
Analogue Gain Level
10000000b
It defines the analogue gain level in the
ADC which defines the voltage equivalent
to one ADC step (1 DN) applied to the
Line 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com