Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS10K-5CIA Datasheet(PDF) 69 Page - OSRAM GmbH

Part # 4LS10K-5CIA
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS10K-5CIA Datasheet(HTML) 69 Page - OSRAM GmbH

Back Button 4LS10K-5CIA Datasheet HTML 65Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 66Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 67Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 68Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 69Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 70Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 71Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 72Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 73Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 115 page
background image
Document Feedback
4LS
Register Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 68
Figure 109:
Bandgap Trimming Current Programmed by Register
Bit 7
Bit 6
Bit 5
Bandgap Trimming Current [µA]
0
0
0
15.8
0
0
1
16.8
0
1
0
18.0
0
1
1
19.6
1
0
0
21.4
1
0
1
23.4
1
1
0
25.8
1
1
1
28.8
Figure 110:
LVDS Bias Current Programmed by Register
Bit 2
Bit 1
Bit 0
LVDS Current [µA]
LVDS Consumption Per Tap [mW] @ 1.8V(1)
0
0
0
0
0
0
0
1
400
0.72
0
1
0
800
1.44
0
1
1
1200
2.16
1
0
0
1600
2.88
1
0
1
2000
3.60
1
1
0
2400
4.32
1
1
1
2800
5.09
(1)
LVDS consumption for one LVDS driver.
The total LVDS consumption should be calculated assuming the following figure with the number of
LVDS enabled for each configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com