Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS10K-5CIA Datasheet(PDF) 4 Page - OSRAM GmbH

Part # 4LS10K-5CIA
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS10K-5CIA Datasheet(HTML) 4 Page - OSRAM GmbH

  4LS10K-5CIA Datasheet HTML 1Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 2Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 3Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 4Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 5Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 6Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 7Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 8Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 115 page
background image
Document Feedback
4LS
General Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 3
1
General Description
4LS is a family of high-speed line-scan sensors featuring four lines of pixels, spaced with one pixel
period line gap. The sensors are provided in Monochrome (B&W) version, allowing amongst other
applications 4-To-1 digital TDI or with Red, Green, Blue and Monochrome lines for high quality color
line scanning with extended spectral range. Each of the four lines of the sensor has individual gain
settings and can be triggered for exposure and reset independently. Moreover, all four lines can be
read out simultaneously over bit serial LVDS output taps.
The sensor features a low noise pixel with true CDS and global shutter allowing fully pipelined readout
and integration. To enhance dynamic range, multiple nondestructive readouts are possible.
An Invar based sensor chip on board is provided, which features all necessary external decoupling
elements and provides mechanical alignment features for high precision self-aligned mounting of the
sensors to its optics. Furthermore, the Invar core avoids thermal stress induced bending of the
sensors with more important line length.
1.1
Key Benefits, Features and Differentiators
The benefits, features and differentiators of 4LS sensors family (4LS15K, 4LS10K and 4LS5K), are
listed below:
Figure 1:
4LS Benefits, Features and Differentiators
Benefits
Features
Differentiators
Allows full RGB color acquisition,
plus additional mono channel
Up to four simultaneously
and individually operated
lines.
Fastest high-resolution sensor on
the market operating four lines
simultaneously.
Higher machine production speed
High speed up to
119 kLines/s x 4 Lines at
full resolution.
Up to 238 kLines/s x 4
Lines with ROI feature (1).
Competing four-line sensors only
allow simultaneous readout of two
lines.
Lower pin count integration for
lower speed applications
Configurable output
bandwidth.
Cost versus performance trade of
possibility.
Configurable full well
Up to 40 ke-
COB/Invar package
High mechanical stability
and planarity of the die.
(1)
4LS5K main feature, due to reduced readout resolution. For more details, please check section 7.11.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com