Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS10K-5CIA Datasheet(PDF) 71 Page - OSRAM GmbH

Part # 4LS10K-5CIA
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS10K-5CIA Datasheet(HTML) 71 Page - OSRAM GmbH

Back Button 4LS10K-5CIA Datasheet HTML 67Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 68Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 69Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 70Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 71Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 72Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 73Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 74Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 75Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 115 page
background image
Document Feedback
4LS
Register Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 70
Address: 0x0E
Default Value: 0x30
Access: Read/Write
Bit
Bit Name
Default
Bit Description
4:4
NAND Tree Mode
1b
Internal Debug Purposes
When
set to ‘0’ places the NAND tree active
to perform the test.
To disable the NAND tree test mode this bit
should be
‘1’.
3:3
SRAM Mode
0b
Internal Debug Purposes
When
set to ‘1’ defines the SRAM memory
test mode.
It uses the content of register 0x17 and 0x18.
2:2
Training Mode
0b
When
set to ‘1’ defines the training test data
mode to be sent by the output LVDS data. It
uses the content of register 0x12 and 0x16.
When set to ‘0’ the Data is received from the
Pixels.
1:1
Counter Test Mode
0b
Internal Debug Purposes
When
set to ‘1’ defines the test mode for
counter block.
0:0
ADC Test Mode
0b
Internal Debug Purposes
When
set to ‘1’ defines the test mode for the
ADC block.
9.1.16
Training Sequence 1 Line 1 Register (Address 0x0F)
Figure 114:
TSQ1L1Reg
Address: 0x0F
Default Value: 0xFF
Access: Read/Write
Bit
Bit Name
Default
Bit Description
7:0
Training
sequence 1
11111111b
Defines the 8 MSBs for word A training
sequence sent over the LVDS driver of Line
1 for FPGA synchronization purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com