Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS10K-5CIA Datasheet(PDF) 38 Page - OSRAM GmbH

Part # 4LS10K-5CIA
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS10K-5CIA Datasheet(HTML) 38 Page - OSRAM GmbH

Back Button 4LS10K-5CIA Datasheet HTML 34Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 35Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 36Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 37Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 38Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 39Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 40Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 41Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 42Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 115 page
background image
Document Feedback
4LS
Functional Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 37
Figure 51:
4-To-1 Readout for 12-Bit and 8-Bit Mode
Figure 52, Figure 53, Figure 54 and Figure 55 shows in detail the data being transmitted over the
LVDS drivers, with relation to the LVAL signal, for an 8-bit and a 12-bit transmission mode,
respectively.
Figure 52:
Readout Sequence for 8-Bit Transmission Mode
Data_TAP_#1L1T
Data_TAP_#2L1T
Data_TAP_#3L1T
Data_TAP_#4L1T
Data_TAP_#1L2T
Data_TAP_#2L2T
Data_TAP_#3L2T
Data_TAP_#4L2T
Data_TAP_#1L2B
Data_TAP_#2L2B
Data_TAP_#3L2B
Data_TAP_#4L2B
Data_TAP_#1L1B
Data_TAP_#2L1B
Data_TAP_#3L1B
Data_TAP_#4L1B
TSA
TSB
TSA
TSB
TSA
TSB
D1
D2
D3
D4
D5
D6
D7
D8
D2574 D2576
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
TSA
TSB
TSA
TSB
TSA
TSB
D1
D2
D3
D4
D5
D6
D7
D8
D2574 D2576
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
TSA
TSB
TSA
TSB
TSA
TSB
D1
D2
D3
D4
D5
D6
D7
D8
D2574 D2576
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
TSA
TSB
TSA
TSB
TSA
TSB
D1
D2
D3
D4
D5
D6
D7
D8
D2574 D2576
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
TSA
TSB
Valid Training Sequence
→ 1 x
MCLK
START_READOUT
TSB
+ 17 x
→ 35 words
LVAL
B7TA
B6TA
B1TA
B0TA
B7TB
B6TB
B1TB
B0TB
B7D1
B6D1
B0D1
B7D2
B1D2576 B0D2576
B7TA
B6TA
B1TA
B0TA
B7TB
B6TB
B1TB
B0TB
B7D1
B6D1
B0D1
B7D2
B1D2576 B0D2576
data_clock DDR
LVDS_TAP_A1R
LVDS_TAP_A1G
data_clock internal
MCLK@80MHz
LVAL
START READOUT
Repeated:
1-TO-1
→11 times
2-TO-1
→13 times
4-TO-1
→17 times
Training Seq. Word B
Training Seq. Word A
B7TA
B6TA
B1TA
B0TA
B7TB
B6TB
B1TB
B0TB
B7TA
B6TA
B1TA
B0TA
B7TB
B6TB
B1TB
B0TB
Training Seq. Word B
Training Seq. Word A
4/2/1-TO-1
→1 time
VTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com