Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS10K-5CIA Datasheet(PDF) 74 Page - OSRAM GmbH

Part # 4LS10K-5CIA
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS10K-5CIA Datasheet(HTML) 74 Page - OSRAM GmbH

Back Button 4LS10K-5CIA Datasheet HTML 70Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 71Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 72Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 73Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 74Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 75Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 76Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 77Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 78Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 115 page
background image
Document Feedback
4LS
Register Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 73
9.1.23
Test Data Serializer Line 2 Register (Address 0x16)
Figure 121:
TDSL2Reg
Address: 0x16
Default Value: 0x40
Access: Read/Write
Bit
Bit Name
Default
Bit Description
7:0
Training test data
01000000b
When the sensor is in training mode,
defines the data pattern to test the
serialization / LVDS data output blocks for
Line 2.
The register value is concatenated with
0x0A (LSB), getting a 12-bit word.
For 12-bit mode, test data is the full 12-bit
word.
For 8-bit mode, the 2 MSB and 2 LSB are
discarded to a get 8-bit test data word.
9.1.24
SRAM Mode Test 1 Register (Address 0x17)
Figure 122:
SMT1Reg
Address: 0x17
Default Value: 0x00
Access: Read/Write
Bit
Bit Name
Default
Bit Description
7:0
SRAM test data
00000000b
Defines the 8 LSB data to be written on the
SRAM.
9.1.25
SRAM Mode Test 2 Register (Address 0x18)
Figure 123:
SMT2Reg
Address: 0x18
Default Value: 0x00
Access: Read/Write
Bit
Bit Name
Default
Bit Description
7:5
N/A
000b
Not used.
4:0
SRAM test data
00000b
Defines the 5 MSB data to be written on the
SRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com