Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS10K-5CIA Datasheet(PDF) 51 Page - OSRAM GmbH

Part # 4LS10K-5CIA
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS10K-5CIA Datasheet(HTML) 51 Page - OSRAM GmbH

Back Button 4LS10K-5CIA Datasheet HTML 47Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 48Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 49Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 50Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 51Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 52Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 53Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 54Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 55Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 115 page
background image
Document Feedback
4LS
Functional Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 50
8-Bit mode @ 80 MHz
Below described is an example to calculate the maximum line rate for 8-bit mode, for the below
configuration. The region of interested is based on Figure 71.
●
Output mode: 8-bit
●
Readout mode: 1-To-1 LVDS
●
ADC response stabilization OFF
●
Auto-start AD OFF
●
Auto-start readout OFF
●
End of Range = 0x3F
For full resolution, it was verified that the minimum Readout Time is much higher than the ADC time,
therefore the maximum line rate was defined by the Readout Time. When performing a ROI in sensor,
the goal is to calculate how much the Readout Time can be decreased to achieve the highest line rate
possible.
Taking in consideration Equation 4, the MTA and maximum line rate as shown below:
Figure 73:
8-Bit Timing Clocks with ROI On for Readout Mode 1-To-1
– MTA Calculation
Parameters
Clocks
ADC Time
280
SAMPLE
40
START_AD
2
TBTW_START_AD&RST_RAMP
1
TBTW_SAMPLE&START_AD
12
DTI
112
MTA
335 => 238.8 kLines/s
Max Integration Time(1)
223 => 2787.5 ns
(1)
To use the sensor at the maximum line, this is the maximum integration time possible. When it comes to the minimum
integration time, in theory, it is possible to use a lower integration time, but it was not tested on this configuration. From
an application perspective, using a lower integration time, does not bring significant advantages, once the line rate
cannot be higher and the system would need to increase the illumination power.
Now the Readout Time needs to be calculated in order to achieve the respective line rate and
guarantee the minimum LVAL Low Period.
●
Start Region of Interest Register Segment A = 0x54 = 84d
●
Start Region of Interest Register Segment B = 0x00
●
End Region of interest Register Segment A = 0xA0 = 160d
●
End Region of Interest Register Segment B = 0x4C = 76d
������������������������ = ((160 − 84) + 1) × (4 × 1)) = 308 ������������������������������������
������������������������������������������ ������������������������ = 308 + 26 = 334 ������������������������������������



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com