Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS10K-5CIA Datasheet(PDF) 76 Page - OSRAM GmbH

Part # 4LS10K-5CIA
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS10K-5CIA Datasheet(HTML) 76 Page - OSRAM GmbH

Back Button 4LS10K-5CIA Datasheet HTML 72Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 73Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 74Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 75Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 76Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 77Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 78Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 79Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 80Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 115 page
background image
Document Feedback
4LS
Register Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 75
9.1.29
Read Request Register (Address 0x1C)
Figure 127:
RRQReg
Address: 0x1C
Default Value: 0x00
Access: Write
Bit
Bit Name
Default
Bit Description
7:0
Address to Read
00000000b
Defines the register address to be read in
a read back operation over SPI interface.
9.1.30
Status 4 Register (Address 0x1D)
Figure 128:
STS4Reg
Address: 0x1D
Default Value: 0x49
Access: Read/Write
Bit
Bit Name
Default
Bit Description
7:7
Enable VRST
Special Buffer
0b
Internal Debug Purposes
Use default value.
6:6
Enable Boost
VREF
1b
When set to ‘1’ enables a higher output
current on VREF buffer.
5:5
Enable Boost
VRST Special
0b
Internal Debug Purposes
Use default value.
4:4
Special Mode
0b
Internal Debug Purposes
Use default value.
3:3
Standard Mode
1b
When set to ‘1’ enables readout of regular
pixels. Use default value.
2:2
PLL Enhance
Current
0b
To be used in case of insufficient current to
PLL or process defect.
1:1
Set Counter
Reference
Voltage
0b
Sets the counter LVDS reference voltage to
0.9 V or 0.5
V when at ‘0’ or ‘1’,
respectively.
0:0
Sense Switches
ON
1b
When set to ‘1’ enables the Sense Amps
switches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com