Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS10K-5CIA Datasheet(PDF) 113 Page - OSRAM GmbH

Part # 4LS10K-5CIA
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS10K-5CIA Datasheet(HTML) 113 Page - OSRAM GmbH

Back Button 4LS10K-5CIA Datasheet HTML 107Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 108Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 109Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 110Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 111Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 112Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 113Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 114Page - OSRAM GmbH 4LS10K-5CIA Datasheet HTML 115Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 113 / 115 page
background image
Document Feedback
4LS
Revision Information
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 112
14
Revision Information
Document Status
Product Status
Definition
Product Preview
Pre-Development
Information in this datasheet is based on product ideas in the planning phase
of development. All specifications are design goals without any warranty and
are subject to change without notice
Preliminary Datasheet
Pre-Production
Information in this datasheet is based on products in the design, validation or
qualification phase of development. The performance and parameters shown
in this document are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in ramp-up to full production
or full production which conform to specifications in accordance with the terms
of ams-OSRAM AG standard warranty as given in the General Terms of Trade
Datasheet
(discontinued)
Discontinued
Information in this datasheet is based on products which conform to
specifications in accordance with the terms of ams-OSRAM AG standard
warranty as given in the General Terms of Trade, but these products have
been superseded and should not be used for new designs
Changes from previous version to current revision v3-01
Page
Changes from v2-00 to v3-00
Figure 1
– Updated features for higher line rates
3
Figure 4
– Added 4LS5K block diagram
7
Added 4LS variants images
9
Added part numbers and ordering info for 4LS5K
10
Figure 12
– Added Ordering Code Scheme
10
Figure 14
– Added 4LS5K Back View
11
Figure 15
– Added Connector usage for 4LS5K
12
Added power design recommendations
15
Electro-Optical Characteristics Section - Updated parameters
16-18
Updated maximum line rate for 12-bit mode @ 60 MHz
15, 42-44, 47
Added Angular Response
20
Figure 27
– Added 4LS5K pixel distribution
22
Updated Training Sequence Section
32-34
Updated Output Mode and Data Transmission Section
34-37
Updated Timings/State Machine Section
38-51
Added spec for Region Of Interest (ROI) Feature for 4LS5K
45-51, 60, 73
Updated maximum SPI SCLK
54, 58
Added Pinout assignment for 4LS5K
95-98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com