Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS274C65CP Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS274C65CP
Description  TPS274C65CP 72mΩ Quad-Channel Smart High-Side Switch With Diagnostics
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS274C65CP Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS274C65CP_V02 Datasheet HTML 17Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 18Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 19Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 20Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 21Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 22Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 23Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 24Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
As discussed previously, when switching off, supply energy and load energy are dissipated on the high-side
power switch, which leads to the large thermal variation. For each high-side power switch, the upper limit of
the maximum safe power dissipation depends on the device intrinsic capacity, ambient temperature, and board
dissipation condition.
8.3.3.5 Inductive Load Demagnetization
When switching off an inductive load, the inductor can impose a negative voltage on the output of the switch.
The TPS274C65 includes voltage clamps between VS and VOUT to limit the voltage across the FETs and
demagnetize load inductance if there is any. The negative voltage applied at the OUT pin drives the discharge
of inductor current. Figure 8-12 shows the device discharging a load of 100 mH paralleled with 48 Ω, resulting
500mA at the turn-off.
Figure 8-12. TPS274C65 Inductive Discharge (100 mH + 48 Ω)
The maximum acceptable load inductance is a function of the energy dissipated in the device and therefore the
load current and the inductive load. The maximum energy and the load inductance the device can withstand for
one pulse inductive dissipation at 125°C is shown in Figure 8-13. The device can withstand 40% of this energy
for one million inductive repetitive pulses with a 2-Hz repetitive pulse. If the application parameters exceed this
device limit, use a protection device like a freewheeling diode to dissipate the energy stored in the inductor.
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Current (A)
120
160
200
240
280
320
360
400
440
480
520
VS = 24 V
Figure 8-13. Maximum Energy Dissipation (EAS) Allowed TJ, START = 125°C - Single Pulse, One Channel
www.ti.com
TPS274C65CP
SLVSH35A – OCTOBER 2023 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS274C65CP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com