Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS274C65CP Datasheet(PDF) 28 Page - Texas Instruments

Part # TPS274C65CP
Description  TPS274C65CP 72mΩ Quad-Channel Smart High-Side Switch With Diagnostics
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS274C65CP Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPS274C65CP_V02 Datasheet HTML 24Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 25Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 26Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 27Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 28Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 29Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 30Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 31Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
9.4.2 Layout Example
ILIMCFG
LATCH
40
39
38
37
36
35
34
33
32
31
10
9
8
7
6
5
4
3
2
1
GND
EN1
EN3
EN2
EN4
VS_FLT
VDD
GND
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
DNC
REG_EN
DIAG_EN
DNC
DNC
ST1
ST2
ST3
ST4
DNC
PowerPAD™
Figure 9-4. TPS274C65CP Layout Example
TPS274C65CP
SLVSH35A – OCTOBER 2023 – REVISED FEBRUARY 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS274C65CP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com