Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS274C65CP Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS274C65CP
Description  TPS274C65CP 72mΩ Quad-Channel Smart High-Side Switch With Diagnostics
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS274C65CP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS274C65CP_V02 Datasheet HTML 3Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 4Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 5Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 6Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 7Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 8Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 9Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 10Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
6.4 Thermal Information
THERMAL METRIC(1) (2)
TPS274C65X
UNIT
RHA (VQFN)
40 PINS
RθJA
Junction-to-ambient thermal resistance
25.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
15.8
°C/W
RθJB
Junction-to-board thermal resistance
7.6
°C/W
ψJT
Junction-to-top characterization parameter
0.2
°C/W
ψJB
Junction-to-board characterization parameter
7.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the SPRA953 application report.
(2)
The thermal parameters are based on a 4-layer PCB according to the JESD51-5 and JESD51-7 standards.
6.5 Electrical Characteristics
VVS = 11 V to 36 V, VVDD = 3.0 V to 5.5 V, TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT VOLTAGE AND CURRENT
VDS_Clamp
CHx
VDS clamp voltage
FET current = 10 mA, VS = 24 V
40
44
50
V
VDS_Clamp
CHx
VDS clamp voltage
FET current = 10 mA, VS = 19 V
40
44
50
V
VDS_Clamp
CHx
VDS clamp voltage
FET current = 10 mA, VS = 10 V
33
37
41
V
VS_UVPF
VS undervoltage
protection falling
Measured with respect
to the GND pin of the
device, All channels ON
Output FETs turned off
at VS less than this
threshold.
8.6
9
9.3
V
VS_UVPR
VS undervoltage
protection recovery rising
Measured with respect
to the GND pin of the
device, All channels ON
Output FETs turned ON
at VS more than this
threshold.
9.5
10
10.3
V
VS_UVPRH
VS undervoltage
protection deglitch time
Time from triggering the UVP fault to FET turn-off
15
20
25
µs
VS_UVWF
VS undervoltage warning
falling
Measured with respect
to the GND pin of the
device,
12
12.5
13.5
V
VS_UVWR
VS undervoltage warning
recovery rising
Measured with respect
to the GND pin of the
device,
11.2
13.5
15.8
V
VS_UVLOF
VS undervoltage lockout
falling
Measured with respect
to the GND pin of the
device
3.0
V
VS,UVLOR
VS undervoltage lockout
rising
Measured with respect
to the GND pin of the
device
2.7
3
3.3
V
VDD,UVLOF
VDD undervoltage
lockout falling
Measured with respect to the GND pin of the device
2.7
2.8
2.9
V
VDD,UVLOR
VDD undervoltage lockout
rising
Measured with respect to the GND pin of the device
2.8
2.88
2.98
V
ILNOM
Continuous load current,
per channel
All channels enabled, TAMB = 85°C
1.6
A
Two channels enabled, TAMB = 85°C
2.5
A
IOUT,LEAKX
Leakage current from
OUT to GND in OFF
state
Vs = VOUT < 36 V, Switch and all diagnostics
disabled, measured into the OUTx pin
40
µA
www.ti.com
TPS274C65CP
SLVSH35A – OCTOBER 2023 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPS274C65CP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com