Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS274C65CP Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS274C65CP
Description  TPS274C65CP 72mΩ Quad-Channel Smart High-Side Switch With Diagnostics
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS274C65CP Datasheet(HTML) 4 Page - Texas Instruments

  TPS274C65CP_V02 Datasheet HTML 1Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 2Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 3Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 4Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 5Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 6Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 7Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 8Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
5 Pin Configuration and Functions
ILIMCFG
LATCH
40
39
38
37
36
35
34
33
32
31
10
9
8
7
6
5
4
3
2
1
GND
EN1
EN3
EN2
EN4
VS_FLT
VDD
GND
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
REG_EN
DIAG_EN
DNC
DNC
ST1
ST2
ST3
ST4
DNC
PowerPAD™
DNC
Figure 5-1. RHA Package, 40-Pin VQFN (Top View)
Table 5-1. Pinout - Version CP, CPH
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
1
DNC
—
Do not connect.
2
VS_FLT
O
Supply fault output – open drain, pull up with a 4.7K resistor to VDD pin.
3
DIAG_EN
I
Enable diagnostics.
4
VDD
P
Logic supply input(2).
7
EN3
I
Enable Ch3 output.
8
EN2
I
Enable Ch2 output.
9
EN1
I
Enable Ch1 output.
10
EN4
I
Enable Ch4 output.
30
ILIMCFG
I
Current limit configuration pin – set the 3-bit setting of the current limit with a resistor to the
GND pin of the IC.
29
REG_EN
I
Internal regulator enable pin, float to enable. Tie to the GND pin of the IC to disable and use
an external supply input to VDD.
28
LATCH
I
Configure the device in latch (on fault) mode when the pin is pulled HI. Set the pin LO for
auto-retry on fault.
22
ST1
O
CH1 fault status, open drain, pull up with a 4.7K resistor to VDD pin.
23
ST2
O
CH2 fault status, open drain, pull up with a 4.7K resistor to VDD pin.
TPS274C65CP
SLVSH35A – OCTOBER 2023 – REVISED FEBRUARY 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS274C65CP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com