Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS274C65CP Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS274C65CP
Description  TPS274C65CP 72mΩ Quad-Channel Smart High-Side Switch With Diagnostics
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS274C65CP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS274C65CP_V02 Datasheet HTML 4Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 5Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 6Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 7Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 8Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 9Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 10Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 11Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
6.5 Electrical Characteristics (continued)
VVS = 11 V to 36 V, VVDD = 3.0 V to 5.5 V, TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT(OFF)
Output leakage current
(per channel)
VS <= 36 V, VOUT = 0
Channel disabled, diagnostics disabled Tj <= 125°C
0
0.8
10
µA
VDD IQ
VDD quiescent current,
all diagnostics disabled,
external VDD
VS ≤ 36 V, VDD = 5.5 V
All channels enabled, IOUTx = 0 A
1.85
2.1
mA
VS IQ
VS quiescent current,
internal VDD
VS ≤ 36 V,
All channels enabled, IOUTx = 0 A
4.9
5.6
mA
VS IQ
VS quiescent current,
external VDD
VS ≤ 36 V, VDD = 3.0 V
All channels enabled, IOUTx = 0 A
2.0
2.45
mA
Ileak_LG
Leakage current out of
the output pins with the
GND of IC disconnected,
Load ground connected
to supply ground
VS≤ 30 V, VDD = 5.5 V, RL = 24 Ω
All channels enabled
0.8
0.9
mA
RON CHARACTERISTICS
RON
On-resistance
(Includes MOSFET and
package)
10 V ≤ VS ≤ 36 V, IOUT1 =
IOUT2 = 200 mA
TJ = 25°C
72
mΩ
TJ = 125°C
110
mΩ
On-resistance when 2
channels are paralleled
(Includes MOSFET and
package)
10 V ≤ VS ≤ 36 V, IOUT1 =
IOUT2 > 200 mA.
VOUT1 tied to VOUT2
TJ = 25°C
33
mΩ
TJ = 125°C
55
mΩ
VDD_REG CHARACTERISTICS
VVDD
VDD Output voltage
(Internal regulator
enabled)
6 V ≤ VS ≤ 36 V, IVDD <
20 mA
Includes load and line
regulation across the
range.
3.1
3.3
3.6
V
LRVDD
Load regulation of
internal VDD regulator
when enabled
6 V ≤ VS ≤ 36 V, IVDD < 20 mA
0.95
V/A
LRtran_VDD
Load transient regulation
of internal VDD regulator
when enabled
6 V ≤ VS ≤ 36 V, IVDD
<step from 5 mA to 15
mA in 10 μs
1 uF
10
mV
ICL_VDD
Current Limit of internal
regulator
6 V ≤ VS ≤ 36 V
25
50
mA
CURRENT LIMIT CHARACTERISTICS
ICLx
CHx ICL current limitation
level, H version
Regulated current at
short circuit RL < 200
mohms when Enabled.
VDD = 3.3 V.
Setting = 2.26 A
2.01
2.26
2.88
A
Setting = 1.9 A
1.6
1.9
2.3
A
Setting = 1.52 A
1.28
1.52
1.76
A
Setting = 1.15 A
0.92
1.15
1.38
A
Settting = 0.86 A
0.74
0.86
0.98
A
Setting = 0.67 A
0.57
0.67
0.77
A
Setting = 0.48 A
0.38
0.48
0.57
A
Setting = 0.29 A
0.22
0.29
0.39
A
ICLx
CHx ICL current limitation
level
Regulated current at
short circuit RL < 200
mohms when Enabled.
VDD = 3.3 V.
Setting = 1.9 A
1.6
1.9
2.3
A
Setting = 1.6 A
1.35
1.6
1.85
A
Setting = 1.25 A
1
1.25
1.5
A
Setting = 1 A
0.85
1
1.15
A
Setting = 0.72 A
0.62
0.72
0.82
A
Setting = 0.56 A
0.47
0.56
0.63
A
Setting = 0.4 A
0.32
0.4
0.47
A
Setting = 0.25 A
0.19
0.25
0.33
A
TPS274C65CP
SLVSH35A – OCTOBER 2023 – REVISED FEBRUARY 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS274C65CP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com