Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS274C65CP Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS274C65CP
Description  TPS274C65CP 72mΩ Quad-Channel Smart High-Side Switch With Diagnostics
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS274C65CP Datasheet(HTML) 5 Page - Texas Instruments

  TPS274C65CP_V02 Datasheet HTML 1Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 2Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 3Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 4Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 5Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 6Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 7Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 8Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Table 5-1. Pinout - Version CP, CPH (continued)
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
24
ST3
O
CH3 fault status, open drain, pull up with a 4.7K resistor to VDD pin.
25
ST4
O
CH4 fault status, open drain, pull up with a 4.7K resistor to VDD pin.
6,26,27,20
DNC
—
Do not connect.
14-17
VS
P
24V switch supply input to the IC.
38,39
OUT1
O
OUT1
32,33
OUT2
O
OUT2
12,13
OUT3
O
OUT3
18,19
OUT4
O
OUT4
34-37
VS
P
24V switch supply input to the IC.
21,5
GND
—
Device ground.
40,31,11,20
DNC
—
Do not connect.
Exposed Pad GND
I
Connect to the GND pin of the IC.
(1)
I = input, O = output, P = power
(2)
When the device is configured to support an external regulator connected to VDD, the
supply input for the external regulator must be derived from the same VS supply of TPS274C65CP, as shown in the Typical Application
Schematic.
www.ti.com
TPS274C65CP
SLVSH35A – OCTOBER 2023 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPS274C65CP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com